Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB5806 Datasheet(PDF) 1 Page - Microchip Technology

Part # USB5806
Description  6-Port USB 3.1 Gen 1 Smart Hub
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5806 Datasheet(HTML) 1 Page - Microchip Technology

  USB5806 Datasheet HTML 1Page - Microchip Technology USB5806 Datasheet HTML 2Page - Microchip Technology USB5806 Datasheet HTML 3Page - Microchip Technology USB5806 Datasheet HTML 4Page - Microchip Technology USB5806 Datasheet HTML 5Page - Microchip Technology USB5806 Datasheet HTML 6Page - Microchip Technology USB5806 Datasheet HTML 7Page - Microchip Technology USB5806 Datasheet HTML 8Page - Microchip Technology USB5806 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
 2016-2018 Microchip Technology Inc.
DS00002236D-page 1
USB5806
Highlights
• USB Hub Feature Controller IC Hub with 6 USB
3.1 Gen 1 / USB 2.0 downstream ports
• USB-IF Battery Charger revision 1.2 support on
up & downstream ports (DCP, CDP, SDP)
• FlexConnect: Downstream port able to swap with
upstream port, allowing master capable devices
to control other devices on the hub
• Internal Hub Feature Controller device enables:
- USB to I2C/SPI/GPIO bridge endpoint support
- USB to internal hub register write and read
• USB Link Power Management (LPM) support
• Enhanced OEM configuration options available
through either OTP or SPI ROM
• Available in 100-pin (12mm x 12mm) VQFN
RoHS compliant package
• Commercial and industrial grade temperature
support
Target Applications
• Standalone USB Hubs
• Laptop Docks
• PC Motherboards
• PC Monitor Docks
• Multi-function USB 3.1 Gen 1 Peripherals
Key Benefits
• USB 3.1 Gen 1 compliant 5 Gbps, 480 Mbps,
12 Mbps, and 1.5Mbps operation
- 5V tolerant USB 2.0 pins
- 1.32V tolerant USB 3.1 Gen 1 pins
- Integrated termination and pull-up/down resistors
• Supports battery charging of most popular battery
powered devices on all ports
- USB-IF Battery Charging rev. 1.2 support
(DCP, CDP, SDP)
- Apple® portable product charger emulation
- Chinese YD/T 1591-2006 charger emulation
- Chinese YD/T 1591-2009 charger emulation
- European Union universal mobile charger support
- Support for Microchip UCS100x family of battery
charging controllers
- Supports additional portable devices
• Smart port controller operation
- Firmware handling of companion port power
controllers
• On-chip microcontroller
- manages I/Os, VBUS, and other signals
• 8 KB RAM, 64 KB ROM
• 8 KB One-Time-Programmable (OTP) ROM
- Includes on-chip charge pump
• Configuration programming via OTP ROM,
SPI ROM, or SMBus
• FlexConnect
- Reversible upstream and downstream Port 1 roles
on command
•PortSwap
- Configurable USB 2.0 differential pair signal swap
• PHYBoostTM
- Programmable USB transceiver drive strength for
recovering signal integrity
• VariSenseTM
- Programmable USB receive sensitivity
•Port Split
- USB2.0 and USB3.1 Gen1 port operation can be
split for custom applications using embedded
USB3.x devices in parallel with USB2.0 devices.
• USB Power Delivery Billboard Device Support
- Internal port can enumerate as a Power Delivery
Billboard device to communicate Power Delivery
Alternate Mode negotiation failure cases to USB
host
• Compatible with Microsoft Windows 10, 8, 7, XP,
Apple OS X 10.4+, and Linux hub drivers
• Optimized for low-power operation and low ther-
mal dissipation
• Package
- 100-pin VQFN (12mm x 12mm)
6-Port USB 3.1 Gen 1 Smart Hub


Similar Part No. - USB5806

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB5806C MICROCHIP-USB5806C Datasheet
2Mb / 61P
6-Port USB 3.2 Gen 1 SmartHubTM IC
02/28/20
USB5806C-I/KD MICROCHIP-USB5806C-I/KD Datasheet
2Mb / 61P
6-Port USB 3.2 Gen 1 SmartHubTM IC
02/28/20
USB5806C/KD MICROCHIP-USB5806C/KD Datasheet
2Mb / 61P
6-Port USB 3.2 Gen 1 SmartHubTM IC
02/28/20
USB5806CT-I/KD MICROCHIP-USB5806CT-I/KD Datasheet
2Mb / 61P
6-Port USB 3.2 Gen 1 SmartHubTM IC
02/28/20
USB5806CT/KD MICROCHIP-USB5806CT/KD Datasheet
2Mb / 61P
6-Port USB 3.2 Gen 1 SmartHubTM IC
02/28/20
More results

Similar Description - USB5806

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U460-003-3A1G TRIPPLITE-U460-003-3A1G Datasheet
524Kb / 3P
Portable USB 3.1 Gen 1 Gigabit Ethernet Adapter with 3-Port Hub, Aluminum
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U460-003-3AG TRIPPLITE-U460-003-3AG Datasheet
500Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, with Gigabit Ethernet Port
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
logo
Texas Instruments
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
Four-Port USB 3.1 Gen1 Hub
logo
Transcend Information. ...
JF790 TRANSCEND-JF790 Datasheet
757Kb / 2P
USB 3.1 Gen 1
logo
Microchip Technology
USB7206C MICROCHIP-USB7206C Datasheet
1Mb / 56P
6-Port USB 3.2 Gen 2 Controller Hub
02/28/20
USB7006 MICROCHIP-USB7006 Datasheet
1Mb / 55P
6-Port USB 3.2 Gen 1 Controller Hub
02/28/20
USB7016 MICROCHIP-USB7016 Datasheet
1Mb / 59P
6-Port USB 3.2 Gen 1 Type-C짰 Controller Hub
02/28/20
logo
GENESYS LOGIC
GL3590 GENESYS-GL3590 Datasheet
1Mb / 47P
USB 3.1 Gen 2 Hub Controller
Revision 1 7 0 May 08 , 20 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com