Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB5806 Datasheet(PDF) 51 Page - Microchip Technology

Part # USB5806
Description  6-Port USB 3.1 Gen 1 Smart Hub
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5806 Datasheet(HTML) 51 Page - Microchip Technology

Back Button USB5806 Datasheet HTML 47Page - Microchip Technology USB5806 Datasheet HTML 48Page - Microchip Technology USB5806 Datasheet HTML 49Page - Microchip Technology USB5806 Datasheet HTML 50Page - Microchip Technology USB5806 Datasheet HTML 51Page - Microchip Technology USB5806 Datasheet HTML 52Page - Microchip Technology USB5806 Datasheet HTML 53Page - Microchip Technology USB5806 Datasheet HTML 54Page - Microchip Technology USB5806 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
 2016-2018 Microchip Technology Inc.
DS00002236D-page 51
USB5806
Note 6: Frequency Deviation Over Time is also referred to as Aging.
Note 7: 0 °C for commercial version, -40 °C for industrial version.
Note 8: +70 °C for commercial version, +85 °C for industrial version.
Note 9: This number includes the pad, the bond wire and the lead frame. PCB capacitance is not included in this
value. The XTALI/CLKIN pin, XTALO pin and PCB capacitance values are required to accurately calculate
the value of the two external load capacitors. These two external load capacitors determine the accuracy of
the 25.000 MHz frequency.
9.7.2
EXTERNAL REFERENCE CLOCK (CLKIN)
When using an external reference clock, the following input clock specifications are suggested:
•25 MHz
• 50% duty cycle ±10%, ±100 ppm
• Jitter < 100 ps RMS
Load Capacitance
CL
-
20 typ
-
pF
Drive Level
PW
100
-
-
uW
Equivalent Series Resistance
R1
--
60
Operating Temperature Range
Note 7
-
Note 8
oC
XTALI/CLKIN Pin Capacitance
-
3 typ
-
pF
Note 9
XTALO Pin Capacitance
-
3 typ
-
pF
Note 9
TABLE 9-10:
CRYSTAL SPECIFICATIONS (CONTINUED)
PARAMETER
SYMBOL
MIN
NOM
MAX
UNITS
NOTES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com