Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB5806 Datasheet(PDF) 42 Page - Microchip Technology

Part # USB5806
Description  6-Port USB 3.1 Gen 1 Smart Hub
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5806 Datasheet(HTML) 42 Page - Microchip Technology

Back Button USB5806 Datasheet HTML 38Page - Microchip Technology USB5806 Datasheet HTML 39Page - Microchip Technology USB5806 Datasheet HTML 40Page - Microchip Technology USB5806 Datasheet HTML 41Page - Microchip Technology USB5806 Datasheet HTML 42Page - Microchip Technology USB5806 Datasheet HTML 43Page - Microchip Technology USB5806 Datasheet HTML 44Page - Microchip Technology USB5806 Datasheet HTML 45Page - Microchip Technology USB5806 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
USB5806
DS00002236D-page 42
 2016-2018 Microchip Technology Inc.
8.9.3
BILLBOARD DEVICE DESCRIPTORS
The AlternateModeString and iAdditionalInfoURL descriptors can be configured in the hub to provide the user with addi-
tional information about the Alternate Mode failure.
TABLE 8-13:
TIMER B: BILLBOARD DETACH TIMER MSB
DETACH_TIMER_B_MSB
(413Fh)
Billboard Detach Timer A MSB
BIT
Name
R/W
Description
7:0
TIMEOUT
R/W
Timer B is started as soon as the host requests iAlternateModeString.
Once the timer expires, the Billboard Class Device will automatically
detach from the host and re-attach as the default WinUSB device.
Increments of 10ms can be set.
Note:
The default value of 413Ch = D0h, 413Dh = 07h is equiv-
alent to a 20s timeout. (07D0h = 2000d)
TABLE 8-14:
BILLBOARD DEVICE DESCRIPTORS
Offset: 0
Offset: +1
Offset: +2
Offset: +3
iAdditionalInfoURL
Default = 01h
bNumberOfAlternate-
Modes
Default = 01h
bPreferredAlternateMode
Default = 00h
VCONN Power[0]
Default = 00h
VCONN Power[1]
Default = 80h
bmConfigured[0]
Default = 00h
bmConfigured[1]
Default = 00h
bmConfigured[2]
Default = 00h
bmConfigured[3]
Default = 00h
bmConfigured[4]
Default = 00h
bmConfigured[5]
Default = 00h
bmConfigured[6]
Default = 00h
bmConfigured[7]
Default = 00h
bmConfigured[8]
Default = 00h
bmConfigured[9]
Default = 00h
bmConfigured[10]
Default = 00h
bmConfigured[11]
Default = 00h
bmConfigured[12]
Default = 00h
bmConfigured[13]
Default = 00h
bmConfigured[14]
Default = 00h
bmConfigured[15]
Default = 00h
bmConfigured[16]
Default = 00h
bmConfigured[17]
Default = 00h
bmConfigured[18]
Default = 00h
bmConfigured[19]
Default = 00h
bmConfigured[20]
Default = 00h
bmConfigured[21]
Default = 00h
bmConfigured[22]
Default = 00h
bmConfigured[23]
Default = 00h
bmConfigured[24]
Default = 00h
bmConfigured[25]
Default = 00h
bmConfigured[26]
Default = 00h
bmConfigured[27]
Default = 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com