Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB5806 Datasheet(PDF) 30 Page - Microchip Technology

Part # USB5806
Description  6-Port USB 3.1 Gen 1 Smart Hub
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5806 Datasheet(HTML) 30 Page - Microchip Technology

Back Button USB5806 Datasheet HTML 26Page - Microchip Technology USB5806 Datasheet HTML 27Page - Microchip Technology USB5806 Datasheet HTML 28Page - Microchip Technology USB5806 Datasheet HTML 29Page - Microchip Technology USB5806 Datasheet HTML 30Page - Microchip Technology USB5806 Datasheet HTML 31Page - Microchip Technology USB5806 Datasheet HTML 32Page - Microchip Technology USB5806 Datasheet HTML 33Page - Microchip Technology USB5806 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
USB5806
DS00002236D-page 30
 2016-2018 Microchip Technology Inc.
8.3
FlexConnect
This feature allows the upstream port to be swapped with downstream physical port 1. Only downstream port 1 can be
swapped physically. The default state is when port 0 is the upstream port. The ‘flexed” state is when port 1 is the
upstream port.
FlexConnect can be enabled/disabled in any of the following ways:
• SMBus Configuration
• USB Command
• Direct Pin Control
8.3.1
SMBUS CONFIGURATION
FlexConnect can be controlled via runtime configuration registers through the SMBus Slave Interface during hub run-
time (after enumeration).
8.3.2
USB COMMAND
A USB command to the internal Hub Feature Controller can be used to configure and initiate FlexConnect.
8.3.3
DIRECT PIN CONTROL
The FLEX_CMD control input can be used to control the FlexConnect state. When driven or pulled low, the hub will
operate in it’s default state. When driven or pull high, the hub will operate in it’s “flexed” state.
The FLEX_STATE output displays the current state of FlexConnect. It operates in the same manner regardless of how
FlexConnect is controlled (SMBus, USB Command, or Direct Pin Control). When low, the hub is currently in it’s default
state. When high, the hub is in its “flexed” state.
8.4
Resets
• Power-On Reset (POR)
• External Chip Reset (RESET_N)
• USB Bus Reset
8.4.1
POWER-ON RESET (POR)
A power-on reset occurs whenever power is initially supplied to the device, or if power is removed and reapplied to the
device. A timer within the device will assert the internal reset per the specifications listed in Section 9.6.2, Power-On
and Configuration Strap Timing.
8.4.2
EXTERNAL CHIP RESET (RESET_N)
A valid hardware reset is defined as assertion of RESET_N, after all power supplies are within operating range, per the
specifications in Section 9.6.3, Reset and Configuration Strap Timing. While reset is asserted, the device (and its asso-
ciated external circuitry) enters Standby Mode and consumes minimal current.
Assertion of RESET_N causes the following:
1.
The PHY is disabled and the differential pairs will be in a high-impedance state.
2.
All transactions immediately terminate; no states are saved.
3.
All internal registers return to the default state.
4.
The external crystal oscillator is halted.
5.
The PLL is halted.
Note:
For additional information, refer to the Microchip USB58xx/USB59xx FlexConnect application note on the
Microchip.com USB5806 product page.
Note:
All power supplies must have reached the operating levels mandated in Section 9.2, Operating Condi-
tions**, prior to (or coincident with) the assertion of RESET_N.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com