Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STW5095 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STW5095
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STW5095 Datasheet HTML 61Page - STMicroelectronics STW5095 Datasheet HTML 62Page - STMicroelectronics STW5095 Datasheet HTML 63Page - STMicroelectronics STW5095 Datasheet HTML 64Page - STMicroelectronics STW5095 Datasheet HTML 65Page - STMicroelectronics STW5095 Datasheet HTML 66Page - STMicroelectronics STW5095 Datasheet HTML 67Page - STMicroelectronics STW5095 Datasheet HTML 68Page - STMicroelectronics STW5095 Datasheet HTML 69Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 66 / 69 page
background image
17 Application Schematics
STw5095
66/69
17
Application Schematics
Figure 31. STw5095 application schematics
AS/CSB
200nF
CAPMIC
0.47
µF
AUX2RN
AUX2RP
AUX1L
OCKDA
10
µF
VCMHP
DA_CK
AMCK
DA_SYNC
DA_DATA
SDA/SDIN
SCLK
100nF
100nF
8
Ω typ
LSP
LSN
10
µF
CAPLINEIN
HPR
HPL
0.47
µF
AUX3R
0.47
µF
AUX3L
MIC1LN
10
µF
2.7k
Ω
750
Ω
100nF
100nF
750
Ω
2.7k
Ω
MIC1LP
MBIAS
FM IN
VCCA
1
µF
100nF
100nF
VCCD
STw5095
Electret
System Clock
[4MHz-32MHz]
Clock
Data
DA_
Data
DA_
Data Clock
Audio Data
Interface
I2C compat. Bus
VCCP
0.47
µF
0.47
µF
AUX1R
Voice IN
AUX2LP
Melody IN
MIC1RN
10
µF
2.7k
Ω
750
Ω
100nF
100nF
750
Ω
2.7k
Ω
MIC1RP
Electret
CAPLS
10
µF
LSPS
LSNS
SENSE
SENSE
AUX2LN
DA_
Fs
[8kHz-48kHz]
[88kHz-96kHz]
AD_CK
AD_SYNC
AD_DATA
AD_Data
AD_Data Clock
AD_Fs
[8kHz-48kHz]
[88kHz-96kHz]
OCKAD
MasterClocks for
Other Digital Device
VCMHPS
100nF
Line IN
100nF
LINEINL
LINEINR
500mW Max.
16
/32Ω Typ
40mW Max.
L
OLP
OLN
R
ORP
ORN
Line OUT
L
R
L
R
CMOD
I2C compat. Bus selected
To have a single bidirectional interface
connect:
AD_SYNC to DA_SYNC
AD_CK to DA_CK
Differential
Connector
Standard HP
Connection
D/A
Audio Data
Interface
A/D
VCCIO
SENSE
HDET
IRQ
As Close as
possible to
the pins
As Close as
possible to
the pins
Needed if IRQ
VCCIO
or for Digital Audio
Data Source
Leave the negative pins
unconnected when used in
Single-Ended Configuration
100pF
See application example in
Section 3.16 on page 19
is not set to CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com