Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STW5095 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STW5095
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STW5095 Datasheet HTML 8Page - STMicroelectronics STW5095 Datasheet HTML 9Page - STMicroelectronics STW5095 Datasheet HTML 10Page - STMicroelectronics STW5095 Datasheet HTML 11Page - STMicroelectronics STW5095 Datasheet HTML 12Page - STMicroelectronics STW5095 Datasheet HTML 13Page - STMicroelectronics STW5095 Datasheet HTML 14Page - STMicroelectronics STW5095 Datasheet HTML 15Page - STMicroelectronics STW5095 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
3 Functional Description
STw5095
12/69
3.3
Power up
STw5095 internal blocks can individually be switched on and off according to the user needs. A
general Power Up bit is present at bit 7 of CR0. See the following drawing to select the needed
block for the desired function. A fast-settling function is activated to quickly charge external
capacitors when the device is switched on (CAPLS, CAPLINEIN and CAPMIC).
3.4
Master clock
The master clock pin (AMCK) accepts any frequency from 4 MHz to 32 MHz. The 4-32 MHz
range is divided in sub-ranges that have to be programmed in bits CKRANGE in CR30. The
jitter and spectral properties of this clock have a direct impact on the DAC and ADC
performance because it is used to directly or by integer division drive the continuous-time to
sampled-time interfaces.
Note that AMCK clock des not need to have any relation to any other digital or analog input or
output.
Figure 2.
Power up block diagram
POWERUP
ENANA
STw5095
ENMIXL
ENMIXL
ENHPVCM
ENHPL
ENLS
ENHPR
ENMICR
ENMICL
ENLINR
ENLINL
ENOSC
ENADCR
ENADCL
ENDACR
ENDACL
AUDIO I/F
ENLOL
ENLOR
ENHSD
ENPLL
DAMAST
ENDAOCK
ADMAST
ENADOCK
MBIAS
ENAMCK
ENDACKGEN
ENADCKGEN
ENOSC=1
ENOSC=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com