Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STW5095 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STW5095
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STW5095 Datasheet HTML 7Page - STMicroelectronics STW5095 Datasheet HTML 8Page - STMicroelectronics STW5095 Datasheet HTML 9Page - STMicroelectronics STW5095 Datasheet HTML 10Page - STMicroelectronics STW5095 Datasheet HTML 11Page - STMicroelectronics STW5095 Datasheet HTML 12Page - STMicroelectronics STW5095 Datasheet HTML 13Page - STMicroelectronics STW5095 Datasheet HTML 14Page - STMicroelectronics STW5095 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
STw5095
3 Functional Description
11/69
Device Programming: I2C. The I2C Control Interface timing is shown in
Section 5.1 on page
41. The interface has an internal counter that keeps the current address of the control register
to be read or written. At each write access of the interface the address counter is loaded with
the data of the
register address field. The value in the address counter is increased after each
data byte read or write. It is possible to access the interface in 2 modes: single-byte mode in
which the address and data of a single register are specified, and multi-byte mode in which the
address of the first register to be written or read is specified and all the following bytes
exchanged are the data of successive registers starting from the one specified (in multi-byte
mode the internal address counter restart from register 0 after the last register 36). Using the
multi-byte mode it is possible to write or read all the registers with a single access to the device
on the I2C bus.
Device Programming: SPI. The SPI Control Interface timing is shown in
Section 5.2 on page
42. Bits SPIOSEL (SPI Output Select) in CR33 control the out pin selection for serial data out
(none, AD_OCK, DA_OCK or IRQ), while bit SPIOHIZ=1 in CR33 selects the high impedance
state of serial data out pin when idle. The first bit sent on SDIN, after CSB falling edge, sets the
interface for writing (SDIN=1) or reading (SDIN=0), then a 7-bit Control Register address
follows.
If the interface is set for writing then the last 8 bits on SDIN are written in the control register.
If the interface is set for reading then after the 7 bit address STw5095 sends out 8 bits data on
the pin selected with bits SPIOSEL in CR33, while bits present at SDIN pin are ignored. If
SPIOSEL=00 (no out pin selected) the reading access on SPI interface can still be useful to
clear the IRQ event bits in CR32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com