Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STW5095 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STW5095
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STW5095 Datasheet HTML 16Page - STMicroelectronics STW5095 Datasheet HTML 17Page - STMicroelectronics STW5095 Datasheet HTML 18Page - STMicroelectronics STW5095 Datasheet HTML 19Page - STMicroelectronics STW5095 Datasheet HTML 20Page - STMicroelectronics STW5095 Datasheet HTML 21Page - STMicroelectronics STW5095 Datasheet HTML 22Page - STMicroelectronics STW5095 Datasheet HTML 23Page - STMicroelectronics STW5095 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 69 page
background image
4 Control Registers
STw5095
20/69
4
Control Registers
4.1
Summary
CR#
(hex)
Description
D7
D6
D5
D4
D3
D2D1D0
Def.
CR0 (00h)
Supply & Power Control #1
POWERUP
ENANA
ENAMCK
ENOSC
ENPLL
ENHSD
A24V
D12V
0000 0000
CR1 (01h)
Power Control #2
ENADCL
ENADCR
ENDACL
ENDACR
ENMICL
ENMICR
ENLINL
ENLINR
0000 0000
CR2 (02h)
Power Control #3
ENLOL
ENLOR
ENHPL
ENHPR
ENHPVCM
ENLS
ENMIXL
ENMIXR
0000 0000
CR3 (03h)
Mic Gain Left
MICLA(2:0)
MICLG(4:0)
0000 0000
CR4 (04h)
Mic Gain Right
MICRA(2:0)
MICRG(4:0)
0000 0000
CR5 (05h)
Line in Gain Left
X
X
X
LINLG(4:0)
0000 1001
CR6 (06h)
Line in Gain Right
X
X
X
LINRG(4:0)
0000 1001
CR7 (07h)
LO gain & LS gain
X
LOG(2:0)
LSG(3:0)
0000 0011
CR8 (08h)
HPL Gain
X
X
X
HPLG(4:0)
0000 0011
CR9 (09h)
HPR Gain
X
X
X
HPRG(4:0)
0000 0011
CR10 (0Ah)
DAC Digital Gain Left
X
X
DACLG(5:0)
0000 0000
CR11 (0Bh)
DAC Digital Gain Right
X
X
DACRG(5:0)
0000 0000
CR12 (0Ch)
ADC Digital Gain Left
X
X
ADCLG(5:0)
0000 1000
CR13 (0Dh)
ADC Digital Gain Right
X
X
ADCRG(5:0)
0000 1000
CR14 (0Eh)
Bass/Treble/De-emphasis
DYNC
TREBLE(2:0)
BASS(3:0)
0000 0000
CR15 (0Fh)
DA to AD mixing gain
X
X
X
DA2ADG(4:0)
0000 0000
CR16 (10h)
AD to DA mix/sidetone gain
X
X
AD2DAG(5:0)
0000 0000
CR17 (11h)
Mixer Switches & Mic Bias
MBIAS
MBIASPD
ADMIC
ADLIN
MIXMIC
MIXLIN
MIXDAC
MICLO
0000 0000
CR18 (12h)
Input Switches
X
IN2VCM
LINMUTE
LINSEL(1:0)
MICMUTE
MICSEL(1:0)
0010 0100
CR19 (13h)
Drivers Control
VCML(1:0)
X
MUTELO
MUTEHP
LSLIM
LSSEL(1:0)
0101 1000
CR20 (14h)
DAOCK Frequency Ls byte
DAOCKF(7:0)
0000 0000
CR21 (15h)
DAOCK Frequency Ms byte
DAOCKF(15:8)
0000 0000
CR22 (16h)
DA Clock Generator Control
X
X
DAMAST
DAMASTGEN
ENDAOCK
DAOCK512
DAPCMF(1:0)
0000 0000
CR23 (17h)
ADOCK Frequency Ls byte
ADOCKF(7:0)
0000 0000
CR24 (18h)
ADOCK Frequency Ms byte
ADOCKF(15:8)
0000 0000
CR25 (19h)
AD Clock Generator Con-
trol
X
X
ADMAST
ADMASTGEN
ENADOCK
ADOCK512
ADPCMF(1:0)
0000 0000
CR26 (1Ah)
DAC Data IF Control
X
DAFORM(2:0)
DASPIM
DAWL(2:0)
0000 0000
CR27 (1Bh)
ADC Data IF Control
ADRTOL
ADFORM2:0)
ADSPIM
ADWL(2:0)
0000 0000
CR28 (1Ch)
DAC&ADC Data IF Control
AMCKINV
DACKP
DASYNCP
DAMONO
ADCKP
ADSYNCP
ADMONO
ADHIZ
0000 0000
CR29 (1Dh)
Digital Filters Control
X
DAVOICE
DA96K
RXNH
ADVOICE
AD96K
ADNH
TXNH
0000 0000
CR30 (1Eh)
Soft Reset & AMCK Range
SWRES
X
X
X
AMCKSIN
CKRANGE(2:0)
0000 0000
CR31 (1Fh)
interrupt Mask
VLSHEN
PUSHBEN
HSDETEN
VLSHMSK
PUSHBMSK
HSDETMSK
OVFMSK
PORMSK
0000 0000
CR32 (20h)
Interrupt Status
VLSH
PUSHB
HSDET
VLSHEV
PUSHBEV
HSDETEV
OVFEV
POREV
0000 0000
CR33 (21h)
Misc. Control
X
X
SPIOHIZ
SPIOSEL(1:0)
IRQCMOS
OVFDA
OVFAD
0000 0000
CR34 (22h)
AGC Attack/Decay coeff.
AGCATT(3:0)
AGCDEC(3:0)
0000 0000
CR35 (23h)
AGC Control
X
ENAGCLIN
ENAGCMIC
AGCRANGE
AGCLEV(3:0)
0000 0000
CR36 (24h)
RESERVED
X
X
X
X
X
X
X
X
0000 0000
Note: X reserved, write zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com