Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STW5095 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STW5095
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STW5095 Datasheet HTML 29Page - STMicroelectronics STW5095 Datasheet HTML 30Page - STMicroelectronics STW5095 Datasheet HTML 31Page - STMicroelectronics STW5095 Datasheet HTML 32Page - STMicroelectronics STW5095 Datasheet HTML 33Page - STMicroelectronics STW5095 Datasheet HTML 34Page - STMicroelectronics STW5095 Datasheet HTML 35Page - STMicroelectronics STW5095 Datasheet HTML 36Page - STMicroelectronics STW5095 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
STw5095
4 Control Registers
33/69
Bits
Name CR22
(Name CR25)
Value
CR22 and CR25 Description
Def.
5
DAMAST
(ADMAST)
1
0
DA (AD) Audio interface is in Master Mode (low impedance output)
DA (AD) Audio interface is in Slave Mode (high impedance input)
0
4
DAMASTGEN
(ADMASTGEN)
1
0
DA (AD) Master Generator is enabled
DA (AD) Master Generator is disabled
0
3
ENDAOCK
(ENADOCK)
1
0
DA_OCK (AD_OCK) Output Clock is enabled
DA_OCK (AD_OCK) Output Clock is disabled
0
2
DAOCK512
(ADOCK512)
1
0
Definition of DA_OSR (AD_OSR)
DA_OCK/DA_SYNC (AD_OCK/AD_SYNC) Ratio In Master Mode is
512
DA_OCK/DA_SYNC (AD_OCK/AD_SYNC) Ratio In Master Mode is
256
0
1-0
DAPCMF(1:0)
(ADPCMF(1:0))
00
00
01
10
11
11
DA_CK/DA_SYNC (AD_CK/AD_SYNC) Ratio in PCM Master Mode
- 16
when CR26 DAWL=000 (CR27 ADWL=000)
- 32
when CR26 DAWL
≠000 (CR27 ADWL≠000)
-64
- 128
- 256
when CR22 DAOCK512=0 (CR25 ADOCK512=0)
- 512
when CR22 DAOCK512=1 (CR25 ADOCK512=1)
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com