Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STW5095 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STW5095
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STW5095 Datasheet HTML 13Page - STMicroelectronics STW5095 Datasheet HTML 14Page - STMicroelectronics STW5095 Datasheet HTML 15Page - STMicroelectronics STW5095 Datasheet HTML 16Page - STMicroelectronics STW5095 Datasheet HTML 17Page - STMicroelectronics STW5095 Datasheet HTML 18Page - STMicroelectronics STW5095 Datasheet HTML 19Page - STMicroelectronics STW5095 Datasheet HTML 20Page - STMicroelectronics STW5095 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 69 page
background image
STw5095
3 Functional Description
17/69
loudspeaker to -6 dB when VCCLS is above 4.2 V, and it removes the limit for VCCLS below
4.0 V. The loudspeaker gain is left unchanged if it is set below -6 dB with bits LSG. This event
(VCCLS > 4.2 V) can generate, if enabled (bit VLSMSK in CR31), an IRQ signal.
3.10
Analog mixer
STw5095 can send to the output drivers the sum of stereo audio signals from 3 different
sources, DA path (bit MIXDAC in CR17), Microphone Preamplifiers (bit MIXMIC in CR17) and
Line In Amplifiers (bit MIXLIN in CR17). The mixer does not have a gain control on the inputs,
therefore the user should reduce the levels of the input signals within the analog signal range.
The stereo Analog Mixer is powered up with bits ENMIXL and ENMIXR in CR2.
3.11
AD path
The AD path converts audio signals from Microphone Preamplifiers (selected with bit ADMIC in
CR17) and Line In Amplifiers (bit ADLIN in CR17) inputs to digital domain. If both inputs are
selected then the sum of the two is converted. After AD conversion the audio data is resampled
with a sample rate converter and then processed with the internal DSP. Two different filters are
selectable in the DSP (bit ADVOICE in CR29): stereo Audio Filter, with DC offset removal and
FIR image filtering; and a standard mono Voice-channel filter (uses left channel input and feeds
both channel output). The AD path includes a digital gain control (ADCLG, ADCRG in CR12
and CR13 respectively) in the range -57 to +8 dB. The maximum gain from Mic Preamplifier to
AD interface is then 47 dB. When Audio filter is selected in both AD and DA paths then DA
audio data can be summed to AD data and sent to the AD Audio Interface (see DA2ADG in
CR15). Left and Right channels can be independently switched on and off to save power, if
needed (bits ENADCL and ENADCR in CR1)
3.12
DA path
The DA path converts digital data from the digital audio interface to analog domain and feeds it
to the analog mixer. Incoming audio data is processed with a DSP where different filters are
selectable (bit DAVOICE in CR29): Audio Filter, stereo, with FIR image filtering, bass and treble
controls (bits BASS and TREBLE in CR14), de-emphasis filter; and a standard Voice-channel
filter, mono (uses left channel input and feeds both channel output). A dynamic compression
function is available for both audio and voice filters (bit DYNC in CR14). The DA path includes a
digital gain control (DACLG, DACRG in CR10 and CR11 respectively) in the range -65 to 0 dB.
AD to DA mixing (sidetone) can be enabled: see CR16 for details. Left and Right channel can
be independently switched on and off to save power, if needed (bits ENDACL and ENDACR in
CR1)
3.13
Analog-only operation
STw5095 can operate without AMCK master clock if analog-only functions are used. It is
possible to mix Microphone and Line In preamplifiers signals and listen through headphones,
loudspeaker or send them to line-out. The analog-only operation is enabled with bit ENOSC in
CR0. When ENOSC=1 the AD and DA paths cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com