Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DA9072 Datasheet(PDF) 53 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 53 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 49Page - Dialog Semiconductor DA9072 Datasheet HTML 50Page - Dialog Semiconductor DA9072 Datasheet HTML 51Page - Dialog Semiconductor DA9072 Datasheet HTML 52Page - Dialog Semiconductor DA9072 Datasheet HTML 53Page - Dialog Semiconductor DA9072 Datasheet HTML 54Page - Dialog Semiconductor DA9072 Datasheet HTML 55Page - Dialog Semiconductor DA9072 Datasheet HTML 56Page - Dialog Semiconductor DA9072 Datasheet HTML 57Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
53 of 113
© 2021 Dialog Semiconductor
The first priority is to reduce and isolate high frequency switching noise so that it does not disturb
sensitive nodes. For the buck regulator, the primary sources of noise are at the input capacitor
ground and VDD_BUCK nodes. Connect the input capacitor as close as possible to the
PGND_BUCK and VDD_BUCK pins. This reduces the parasitic inductance responsible for many of
the voltage spikes during switching. Route the current carrying traces (VDD_BUCK, PGND, VOUT)
directly to the pads of all capacitors, not through vias or separate traces. This applies to both input
and output capacitors and is good practice in general. Where possible these current carrying traces
should be wide or large copper areas to reduce impedance and improve thermal resistance. Route
these traces on the top layer only. Connect VDD_SYS and VDD_BUCK close to, or at, the pins to
further reduce impedance.
The second largest noise sources are the SW nodes. Although the current here is not switching, the
fast voltage swings can introduce noise through capacitive coupling. To reduce this, use the smallest
area possible for the SW nodes, while keeping in mind the current handling requirements.
SW_BUCK should be routed on the second layer with multiple vias, which allows the best routing for
the buck input caps. As much as possible, surround the SW nodes with GND copper to help shield
the nearby FB traces.
Route all signal traces such as FB, SDA, and SCL away from the SW nodes, buck input caps, and
the inductor. Shield these sensitive traces with GND copper or route on a lower layer with a ground
plane to provide shielding.
To create a good shield, flood one inner layer with copper and connected as a common ground to the
GND pins of the IC (A1, D3, E1, F2, F3, and F4) and external GND connections. Layer 2 is
recommended. Connect PGND_BUCK directly to the buck input cap before connecting to the ground
plane. Multiple ground planes, for example a mid-layer and bottom layer plane, are helpful to control
high frequency noise and improve thermal performance.
Important: Do not use the AGND node as a ground plane. Instead, connect all AGNDs to a small
area or by star connection to the AGND pin. Connect the AGND pin to the larger ground plane in a
quiet location.
For an example of top and second layer routing, see Figure 33 and Figure 34. The buck input cap is
C21. The cap is placed close to the IC with no vias between the pin and the cap. C23 is the buck
output cap, connected on the top layer. L20 is the buck inductor; its SW node is routed on layer 2
and connected by multiple vias.
Layer-2 is a mostly filled GND plane, which provides shielding around the SW nodes routed on this
layer. The isolated AGND area is on the right side of Figure 34. AGND is connected to the GND area
at a single point on another layer, not shown here.
Note 1
Figure 33 and Figure 34 are the PCB layout of DA9073. For DA9072, L30 and the SW node area on
layer-2 can be removed and filled with GND plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com