Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST25R3916 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 45Page - STMicroelectronics ST25R3916 Datasheet HTML 46Page - STMicroelectronics ST25R3916 Datasheet HTML 47Page - STMicroelectronics ST25R3916 Datasheet HTML 48Page - STMicroelectronics ST25R3916 Datasheet HTML 49Page - STMicroelectronics ST25R3916 Datasheet HTML 50Page - STMicroelectronics ST25R3916 Datasheet HTML 51Page - STMicroelectronics ST25R3916 Datasheet HTML 52Page - STMicroelectronics ST25R3916 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 157 page
background image
DS12484 Rev 4
49/157
ST25R3916/7
Application information
156
MISO pin is updated on the rising edge of the SCLK signal. Data is transferred byte-wise,
most significant bit first. Read and Write commands support an address auto increment to
reduce communication time. Table 10 provides an overview of the SPI signals.
The MISO output is in tristate as long as no output data is available. Due to this the MOSI
and the MISO can be externally shorted to create a three-wire SPI. During the time the
MISO output is in tristate, it is also possible to switch on a 10 kΩ pull down by activating
option bits miso_pd1 and miso_pd2 in the IO configuration register 2.
Figure 12. Exchange of signals with a microcontroller
The first two bits of the first byte transmitted after the BSS high to low transition define the
SPI operation mode. All Read and Write modes support address auto incrementing, which
means that if, after the address and first data byte some additional data bytes are sent (or
read), they are written to (or read from) addresses incremented by 1.
Table 11 shows available SPI operation modes. Register read and write operations are
possible in all ST25R3916/7 operation modes. FIFO and PT_memory operations are
possible in case en (bit 7 of the Operation control register) is set and the crystal oscillator is
stable.
Some direct commands are accepted in all operation modes, others require en (bit 7 of the
Operation control register) to be set and the crystal oscillator to be stable (see Table 13).
Table 10. Serial data interface (4-wire interface) signal lines
Name
Signal
Signal level
Description
I2C_EN
Digital input
CMOS
Pull to GND for SPI operation
BSS
Digital input with pull-up
Active low - Slave select
MOSI
Digital input
Master out - Slave in (MCU → ST25R3916/7)
MISO
Digital output with tristate
Master in - Slave out (ST25R3916/7 → MCU)
SCLK
Digital input
Serial clock
IRQ
Digital output
Active high - Interrupt output pin
MS51643V2
MOSI
MISO
I/O
MOSI
MISO
MISO
MOSI
Separate SPI input and
output signals to MCU
Bidirectional data
IO signal to MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com