Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST25R3916 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 13Page - STMicroelectronics ST25R3916 Datasheet HTML 14Page - STMicroelectronics ST25R3916 Datasheet HTML 15Page - STMicroelectronics ST25R3916 Datasheet HTML 16Page - STMicroelectronics ST25R3916 Datasheet HTML 17Page - STMicroelectronics ST25R3916 Datasheet HTML 18Page - STMicroelectronics ST25R3916 Datasheet HTML 19Page - STMicroelectronics ST25R3916 Datasheet HTML 20Page - STMicroelectronics ST25R3916 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 157 page
background image
DS12484 Rev 4
17/157
ST25R3916/7
Description
156
reference value by more than a register defined threshold then an interrupt is sent to the
external controller.
2.2.7
External field detector
This is a low power block used in the active or passive target mode to detect the presence of
an external RF field. It supports two different external field detection thresholds, namely
Peer detection and Collision avoidance threshold.
The Peer detection threshold is used in the active and passive peer to peer modes to detect
when the peer device turns on its RF field.
The Collision avoidance threshold is used to detect the presence of an external RF field
during the RF collision avoidance procedure.
2.2.8
Quartz crystal oscillator
The quartz crystal oscillator operates with 27.12 MHz crystals. At start-up the
transconductance of the oscillator is increased to achieve a fast start-up. Since the start-up
time varies with crystal type, temperature and other parameters, the oscillator amplitude is
observed and an interrupt is generated when stable oscillator operation is reached.
The oscillator block also provides a clock signal to the external microcontroller (MCU_CLK),
according to the settings in the IO configuration register 1.
2.2.9
Power supply regulators
The integrated power supply regulators ensures a high power supply rejection ratio (PSRR)
for the complete system.
Three voltage regulators, one for the analog block, one for the digital block, and one for the
RF output drivers, are available to decouple noise sources from the ST25R3916/7. A fourth
voltage regulator generates the reference voltage for the analog receivers (AGDC, analog
ground).
The RF output driver voltage regulator can be configured automatically by the ST25R3916/7
based on the systems power supply stability and RF output power (see Section 4.4.10:
Adjust regulators for more details).
2.2.10
POR and bias
This block provides bias currents and reference voltages to all other blocks. It also
incorporates a Power on Reset (POR) circuit that provides a reset at power-up and at low
supply levels.
2.2.11
RC oscillator and Wake-up timer
The ST25R3916/7 include several possibilities for low power detection of a card presence
(capacitive sensor, phase measurement, amplitude measurement). The RC oscillator and
the register configurable Wake-up timer are used to periodically trigger the card presence
detection in the low power card detection modes.
Note:
Using hardware based wake-up in combination with the automatic antenna tuning feature is
not recommended. Contact your nearest ST office for further support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com