Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST25R3916 Datasheet(PDF) 90 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 86Page - STMicroelectronics ST25R3916 Datasheet HTML 87Page - STMicroelectronics ST25R3916 Datasheet HTML 88Page - STMicroelectronics ST25R3916 Datasheet HTML 89Page - STMicroelectronics ST25R3916 Datasheet HTML 90Page - STMicroelectronics ST25R3916 Datasheet HTML 91Page - STMicroelectronics ST25R3916 Datasheet HTML 92Page - STMicroelectronics ST25R3916 Datasheet HTML 93Page - STMicroelectronics ST25R3916 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 157 page
background image
Application information
ST25R3916/7
90/157
DS12484 Rev 4
4.5.21
Mask receive timer register
Register space: A
Address: 0Fh
Type: RW
Table 48. Mask receive timer register
Bit
Name
Default
Function
Comments
7
mrt7
0
mrt_step = 0:
Step: 64 / fc (4.72 μs)
Range: 256 / fc (~18.88 μs) to
16320 / fc (~1.2 ms)
mrt_step = 1:
Step: 512 / fc (37.78 μs)
Range: 2048 / fc (151 μs) to
130560 / fc (9.62 ms)
Set time after end of TX during which the
receiver output is ignored (masked).
The minimum mask receive time of 18.88 μs
covers the transients in receiver after end of
transmission.
6
mrt6
0
5
mrt5
0
4
mrt4
0
3
mrt3
1
2
mrt2
0
1
mrt1
0
0
mrt0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com