Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST25R3916 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 23Page - STMicroelectronics ST25R3916 Datasheet HTML 24Page - STMicroelectronics ST25R3916 Datasheet HTML 25Page - STMicroelectronics ST25R3916 Datasheet HTML 26Page - STMicroelectronics ST25R3916 Datasheet HTML 27Page - STMicroelectronics ST25R3916 Datasheet HTML 28Page - STMicroelectronics ST25R3916 Datasheet HTML 29Page - STMicroelectronics ST25R3916 Datasheet HTML 30Page - STMicroelectronics ST25R3916 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 157 page
background image
DS12484 Rev 4
27/157
ST25R3916/7
Application information
156
Figure 7. Receiver block diagram
Demodulation stage
The first stage performs demodulation of the tag subcarrier response signal, superimposed
on the HF field carrier. Two different blocks are implemented for the AM demodulation:
peak detector
AM/I or PM/Q demodulator mixer.
The choice of the used demodulator is made by the Receiver configuration register 2 bit
amd_sel.
The peak detector performs AM demodulation using a peak follower. Both the positive and
negative peaks are tracked to suppress any common mode signals. Its demodulation gain is
G = 0.7 and the input is taken from RFI1 demodulator input only.
The AM demodulator mixer uses synchronous rectification of both receiver inputs (RFI1 and
RFI2). Its gain is G = 0.55. The PM demodulation is also done by a mixer. The PM
demodulator mixer has differential outputs with 60 mV differential signal for 1% phase
change (16.67 mV / °).
The I/Q demodulation is composed of two mixer circuits, driven with a 90° shifted local
oscillator (LO) signals derived from the crystal oscillator. The outputs of the two mixers are
connected to two equal base band reception chains and to the decoding logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com