Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST25R3916 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 28Page - STMicroelectronics ST25R3916 Datasheet HTML 29Page - STMicroelectronics ST25R3916 Datasheet HTML 30Page - STMicroelectronics ST25R3916 Datasheet HTML 31Page - STMicroelectronics ST25R3916 Datasheet HTML 32Page - STMicroelectronics ST25R3916 Datasheet HTML 33Page - STMicroelectronics ST25R3916 Datasheet HTML 34Page - STMicroelectronics ST25R3916 Datasheet HTML 35Page - STMicroelectronics ST25R3916 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 157 page
background image
Application information
ST25R3916/7
32/157
DS12484 Rev 4
Figure 8. Capacitive sensor block diagram
Any conductive object (human hand or tag) approaching the two electrodes changes the
capacitance between the excitation and sensing electrode as it 'shortens' the distance
between the two by providing conductance on the part of the path between the two
electrodes.
The capacitance measurement is started by sending the direct command Measure
capacitance. The ST25R3916/7 can also be configured to automatically wake-up and
perform periodic capacitance measurements. The result is compared to a stored reference
or to an average of previous measurements, and if the difference is greater than a
predefined value an IRQ is triggered to wake-up the controller (see also Section 4.2.5).
The capacitive sensor gain can be adjusted in Capacitive sensor control register. The
default gain is 2.8 V / pF (typical value), the maximum gain is 6.5 V / pF (typical value).
Since the LSB of the A/D converter corresponds to approximately 7.8 mV, the default gain
results in a sensitivity of 2.8 fF / LSB (1.2 fF / LSB in case of maximum gain).
The duration of the capacitance measurement is 200 μs, and the current consumption
during the measurement is 1.1 mA (typical value). As an example, if the capacitive
measurement is performed every 100 ms in Wake-up mode, then the resulting average
current consumption is 5.8 μA (3.6 μA is the standby consumption in Wake-up mode).
Capacitive sensor calibration
The capacitive sensor comprises a calibration unit that internally compensates the parasitic
capacitances between CSI and CSO, thus leaving full measurement range for information
about capacitance variation. Five bits are used to control the calibration. The minimum
calibration step and the available calibration range are, respectively, 0.1 and 3.1 pF. The
calibration can be done manually by writing to the Capacitive sensor control register or
automatically by sending the direct command Calibrate capacitive sensor. The status of this
command and the resulting calibration value are stored in the Capacitive sensor display
register.
To avoid interference of the capacitive sensor with the Xtal oscillator and the reader
magnetic field and to assure repetitive results it is strongly recommended to perform
capacitance measurement and calibration in Power-down mode only.
MS42418V1
Oscillator
A/D converter
Synchronous
rectifier
CSO
CSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com