Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST25R3916 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 19Page - STMicroelectronics ST25R3916 Datasheet HTML 20Page - STMicroelectronics ST25R3916 Datasheet HTML 21Page - STMicroelectronics ST25R3916 Datasheet HTML 22Page - STMicroelectronics ST25R3916 Datasheet HTML 23Page - STMicroelectronics ST25R3916 Datasheet HTML 24Page - STMicroelectronics ST25R3916 Datasheet HTML 25Page - STMicroelectronics ST25R3916 Datasheet HTML 26Page - STMicroelectronics ST25R3916 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 157 page
background image
DS12484 Rev 4
23/157
ST25R3916/7
Application information
156
4
Application information
4.1
Power-on sequence
Once powered, the device enters the Power-down mode where the content of all registers is
set to its default state.
To prevent the internal overheat protection to trigger below the junction temperature, the
3-byte frame FCh / 04h / 10h (register access / address / value) has to be sent after
power-on and Set default command.
The next steps are basic configurations of the IC:
1.
The IO configuration register 1 and IO configuration register 2 must be properly
configured.
2.
The internal voltage regulators have to be configured. It is recommended to use direct
command Adjust regulators to improve the system PSRR.
3.
If AAT is used the tuning procedure must be performed.
After the sequence of events mentioned above the devices are ready to operate.
4.2
Operating modes
The ST25R3916/7 operating mode is defined by the contents of the Operation control
register. At power-on all its bits are set to 0, the ST25R3916/7 is in Power-down mode. In
this mode, the AFE static power consumption is minimized, as only the POR and part of the
bias are active. The regulator itself is disabled.
The SPI/I2C is still functional in this mode and all required settings on the configuration
registers can be done. The PT_memory and FIFO are not accessible in this mode.
Bit en (bit 7 of the Operation control register) is controlling the quartz crystal oscillator,
regulators and AAT control output pins. When this bit is set, the device enters in Ready
mode and the quartz crystal oscillator and regulators are enabled. An interrupt is sent to
inform the microcontroller when the oscillator amplitude and frequency is stable. The
PT_memory and FIFO are accessible in this mode.
The enable of the receiver and the transmitter block are separated, it is possible to operate
one without switching on the other (control bits rx_en and tx_en). This feature can be used
when the reader field has to be maintained while no response from a tag is expected.
Another example is NFCIP-1 active communication in receive mode configuration. The RF
field is generated by the initiator on one side while the other side is only in receive operation.
Asserting the Operation control register bit wu while the other bits are set to 0 puts the
ST25R3916/7 into the Wake-up mode that is used to perform low power detection of card
presence. In this mode the low power RC oscillator and register configurable wake-up timer
are used to schedule periodic measurement(s). When a difference to the predefined
reference is detected an interrupt is sent to wake-up the MCU. Capacitive sensor, phase
and amplitude measurement are available to trigger the wake-up.
4.2.1
Transmitter
The transmitter contains two identical push-pull driver blocks connected to pins RFO1 and
RFO2. These drivers are differentially driving the external antenna LC tank. It is also



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com