Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

R1114X Datasheet(PDF) 21 Page - Nisshinbo Micro Devices Inc.

Part # R1114X
Description  LOW NOISE 150mA LDO REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1114X Datasheet(HTML) 21 Page - Nisshinbo Micro Devices Inc.

Back Button R1114X Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 23Page - Nisshinbo Micro Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
R1114x
21
ESR vs. Output Current
When using these ICs, consider the following points:
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, use a capacitor COUT with good frequency characteristics and ESR (Equivalent Series Resistance)
of which is in the range described as follows:
GND
VOUT
CE
VIN
VIN
IOUT
ESR
R1114xxx1B/D
S.A.
Ceramic
Cap.
Ceramic
Cap.
Spectrum
Analyzer
Measuring Circuit for white noise; R1114xxx1B/D
The relations between IOUT (Output Current) and ESR of an output capacitor are shown below. The conditions
when the white noise level is under 40
μV (Avg.) are marked as the hatched area in the graph.
(Note: If additional ceramic capacitors are connected to the Output Pin with Output capacitor for phase
compensation, the operation might be unstable. Because of this, test these ICs with as same external
components as ones to be used on the PCB.)
<Measurement conditions>
(1) VIN
=VOUT+1V
(2) Frequency Band: 10Hz to 2MHz
(3) Temperature:
−40°C to 25°C
R1114x151x
R1114x161x
100
10
1
0.1
0.01
Load Current IOUT (mA)
060
30
150
120
90
CIN=Ceramic 1.0
μF,
COUT=Ceramic 1.0
μF
100
10
1
0.1
0.01
Load Current IOUT (mA)
060
30
150
120
90
CIN=Ceramic 0.47
μF,
COUT=Ceramic 0.68
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com