Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

R1114X Datasheet(PDF) 1 Page - Nisshinbo Micro Devices Inc.

Part # R1114X
Description  LOW NOISE 150mA LDO REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1114X Datasheet(HTML) 1 Page - Nisshinbo Micro Devices Inc.

  R1114X Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
R1114x SERIES
LOW NOISE 150mA LDO REGULATOR
NO.EA-094-111026
1
OUTLINE
The R1114x Series are CMOS-based voltage regulator ICs with high output voltage accuracy, low supply
current, low ON-resistance, and high ripple rejection. Each of these ICs consists of a voltage reference unit, an
error amplifier, resistor-net for voltage setting, a current limit circuit, and a chip enable circuit.
These ICs perform with low dropout voltage and a chip enable function. The line transient response and load
transient response of the R1114x Series are excellent, thus these ICs are very suitable for the power supply for
hand-held communication equipment.
The output voltage of these ICs is fixed with high accuracy. Since the packages for these ICs are SOT-23-5,
SC-82AB, and SON1612-6 therefore high density mounting of the ICs on boards is possible.
FEATURES
• Supply Current ..................................................................... Typ. 75μA
• Standby Mode ...................................................................... Typ. 0.1μA
• Dropout Voltage ................................................................... Typ. 0.22V (IOUT=150mA 3.0V Output type)
• Ripple Rejection................................................................... Typ. 70dB (f=1kHz 3.0V Output type)
Typ. 60dB (f
=10kHz)
• Temperature-Drift Coefficient of Output Voltage .................. Typ. ±100ppm/°C
• Line Regulation .................................................................... Typ. 0.02%/V
• Output Voltage Range.......................................................... 1.5V to 4.0V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Output Voltage Accuracy...................................................... ±2.0%
• Packages ............................................................................ SON1612-6, SC-82AB, SOT-23-5
• Built-in Fold Back Protection Circuit .................................... Typ. 40mA (Current at short mode)
• Ceramic capacitors are recommended to be used with this IC ... CIN=COUT=1μF (VOUT<2.5V)
CIN
=1μF, COUT=0.47μF (VOUT >
= 2.5V)
APPLICATIONS
• Power source for portable communication equipment.
• Power source for electrical appliances such as cameras, VCRs and camcorders.
• Power source for battery-powered equipment.


Similar Part No. - R1114X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
R1114D151A RICOH-R1114D151A Datasheet
525Kb / 31P
LOW NOISE 150mA LDO REGULATOR
R1114D151A-TR-FE RICOH-R1114D151A-TR-FE Datasheet
240Kb / 23P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
R1114D151B RICOH-R1114D151B Datasheet
525Kb / 31P
LOW NOISE 150mA LDO REGULATOR
R1114D151B-TR-FE RICOH-R1114D151B-TR-FE Datasheet
240Kb / 23P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
More results

Similar Description - R1114X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
LOW NOISE 150mA LDO REGULATOR???
Rev. 1.11
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
RP130X RICOH-RP130X Datasheet
510Kb / 32P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com