Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

R1114X Datasheet(PDF) 10 Page - Nisshinbo Micro Devices Inc.

Part # R1114X
Description  LOW NOISE 150mA LDO REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1114X Datasheet(HTML) 10 Page - Nisshinbo Micro Devices Inc.

Back Button R1114X Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
R1114x
10
TYPICAL APPLICATIONS
R1114Nxx1A
SERIES
VOUT
OUT
IN
VDD
GND
CE
Cap.
Cap.
+
+
R1114xxx1B
SERIES
VOUT
OUT
IN
VDD
GND
CE
Cap.
Cap.
+
+
(External Components)
Output Capacitor; Ceramic 0.47
μF (Set Output Voltage in the range from 2.5 to 4.0V)
Ceramic 1.0
μF (Set Output Voltage in the range from 1.5 to 2.4V)
Input Capacitor;
Ceramic 1.0
μF
TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current (Topt
=25°C)
R1114x151x
R1114x281x
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
Output Current IOUT(mA)
0
400
300
200
100
2.5V
1.8V
2.0V
VIN=3.5V
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Output Current IOUT(mA)
0
400
300
200
100
3.5V
3.8V
3.1V
VIN=4.8V
R1114x401x
4.5
3.5
4.0
3.0
2.0
2.5
1.5
1.0
0.5
0.0
Output Current IOUT(mA)
0
400
300
200
100
4.5V
5.0V
4.3V
VIN=6.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com