Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

R1114X Datasheet(PDF) 3 Page - Nisshinbo Micro Devices Inc.

Part # R1114X
Description  LOW NOISE 150mA LDO REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1114X Datasheet(HTML) 3 Page - Nisshinbo Micro Devices Inc.

  R1114X Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
R1114x
3
SELECTION GUIDE
The output voltage, auto discharge function, package, and the taping type, etc. for the ICs can be selected at
the user’s request.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
R1114Dxx1
∗-TR-FE
SON1612-6
4,000 pcs
Yes
Yes
R1114Qxx1
∗-TR-FE
SC-82AB
3,000 pcs
Yes
Yes
R1114Nxx1
∗-TR-FE
SOT-23-5
3,000 pcs
Yes
Yes
xx: The output voltage can be designated in the range from 1.5V(15) to 4.0V(40) in 0.1V steps.
(For other voltages, please refer to MARK INFORMATIONS.)
∗ : CE pin polarity and auto discharge function at off state are options as follows.
(A) "L" active, without auto discharge function at off state
(B) "H" active, without auto discharge function at off state
(D) "H" active, with auto discharge function at off state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com