Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

R1114X Datasheet(PDF) 11 Page - Nisshinbo Micro Devices Inc.

Part # R1114X
Description  LOW NOISE 150mA LDO REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1114X Datasheet(HTML) 11 Page - Nisshinbo Micro Devices Inc.

Back Button R1114X Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
R1114x
11
2) Output Voltage vs. Input Voltage (Topt
=25°C)
R1114x151x
R1114x281x
1.7
1.3
1.4
1.5
1.6
1.1
1.2
1.0
Input Voltage VIN(V)
16
45
3
2
IOUT=1mA
IOUT=30mA
IOUT=50mA
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2.0
26
5
4
3
Input Voltage VIN(V)
IOUT=1mA
IOUT=30mA
IOUT=50mA
R1114x401x
4.2
4.0
3.6
3.2
3.8
3.4
3.0
2
16
5
4
3
Input Voltage VIN(V)
IOUT=1mA
IOUT=30mA
IOUT=50mA
3) Supply Current vs. Input Voltage (Topt
=25°C)
R1114x151x
R1114x281x
70
60
90
80
50
40
30
20
10
0
2
1
06
5
4
3
Input Voltage VIN(V)
70
60
90
80
50
40
30
20
10
0
2
1
06
5
4
3
Input Voltage VIN(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com