Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

R1114X Datasheet(PDF) 17 Page - Nisshinbo Micro Devices Inc.

Part # R1114X
Description  LOW NOISE 150mA LDO REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1114X Datasheet(HTML) 17 Page - Nisshinbo Micro Devices Inc.

Back Button R1114X Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. R1114X Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
R1114x
17
R1114x401x
R1114x401x
90
70
80
50
60
30
40
10
20
0
VIN=5.0VDC+0.5Vp-p,
COUT=Ceramic 0.47
μF
1
0.1
100
10
Frequency f(kHz)
IOUT=1mA
IOUT=30mA
IOUT=50mA
90
70
80
50
60
30
40
10
20
0
VIN=5.0VDC+0.5Vp-p,
COUT=Ceramic 1.0
μF
1
0.1
100
10
Frequency f(kHz)
IOUT=1mA
IOUT=30mA
IOUT=50mA
10) Input Transient Response (IOUT
=30mA, CIN=none, tr=tf=5μs, COUT=Ceramic 0.47μF)
R1114x151x
1.55
1.54
1.53
1.52
1.51
1.50
1.49
4
3
2
1
0
Time T(
μs)
10
0
20
405060708090
100
30
Input Voltage
Output Voltage
R1114x281x
2.85
2.84
2.83
2.82
2.81
2.80
2.79
6
5
4
3
2
1
0
10
0
20
405060708090
100
30
Time T(
μs)
Input Voltage
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com