Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HC705P6AGRS/D Datasheet(PDF) 43 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 39Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 40Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 41Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 42Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 43Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 44Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 45Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 46Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 134 page
background image
MC68HC705P6A — Rev. 1.0
General Release Specification
Interrupts
General Release Specification — MC68HC705P6A
Section 5. Interrupts
5.1 Contents
5.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .43
5.3
Interrupt Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .46
5.3.1
Reset Interrupt Sequence . . . . . . . . . . . . . . . . . . . . . . . . . .46
5.3.2
Software Interrupt (SWI) . . . . . . . . . . . . . . . . . . . . . . . . . . .46
5.3.3
Hardware Interrupts. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .46
5.3.3.1
External Interrupt (IRQ) . . . . . . . . . . . . . . . . . . . . . . . . . .46
5.3.3.2
Input Capture Interrupt . . . . . . . . . . . . . . . . . . . . . . . . . . .47
5.3.3.3
Output Compare Interrupt . . . . . . . . . . . . . . . . . . . . . . . .47
5.3.3.4
Timer Overflow Interrupt . . . . . . . . . . . . . . . . . . . . . . . . .47
5.2 Introduction
The MCU can be interrupted six different ways:
1. Non-maskable software interrupt instruction (SWI)
2. External asynchronous interrupt (IRQ)
3. Input capture interrupt (TIMER)
4. Output compare interrupt (TIMER)
5. Timer overflow interrupt (TIMER)
6. Port A interrupt (if selected via mask option register)
Interrupts cause the processor to save the register contents on the stack
and to set the interrupt mask (I bit) to prevent additional interrupts. Unlike
RESET, hardware interrupts do not cause the current instruction
execution to be halted, but are considered pending until the current
instruction is completed.
When the current instruction is completed, the processor checks all
pending hardware interrupts. If interrupts are not masked (I bit in the
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com