Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HC705P6AGRS/D Datasheet(PDF) 96 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 92Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 93Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 94Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 95Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 96Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 97Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 98Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 99Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 134 page
background image
CPU Core
General Release Specification
MC68HC705P6A — Rev. 1.0
CPU Core
Figure 12-1. MC68HC05 Programming Model
12.3.1 Accumulator
The accumulator is a general-purpose 8-bit register as shown in
Figure 12-1. The CPU uses the accumulator to hold operands and
results of arithmetic calculations or non-arithmetic operations. The
accumulator is unaffected by a reset of the device.
12.3.2 Index Register
The index register shown in Figure 12-1 is an 8-bit register that can
perform two functions:
•
Indexed addressing
•
Temporary storage
In indexed addressing with no offset, the index register contains the low
byte of the operand address, and the high byte is assumed to be $00. In
indexed addressing with an 8-bit offset, the CPU finds the operand
address by adding the index register contents to an 8-bit immediate
value. In indexed addressing with a 16-bit offset, the CPU finds the
CONDITION CODE REGISTER
I
ACCUMULATOR
60
A
INDEX REGISTER
71
X
4
52
3
STACK POINTER
SP
14
8
15
9
12
13
10
11
PC
CC
111
11
0
0
0
0
0
0
0
0
PROGRAM COUNTER
HN
Z
C
HALF-CARRY BIT (FROM BIT 3)
INTERRUPT MASK
NEGATIVE BIT
ZERO BIT
CARRY BIT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com