Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HC705P6AGRS/D Datasheet(PDF) 86 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 82Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 83Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 84Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 85Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 86Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 87Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 88Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 89Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 134 page
background image
EPROM
General Release Specification
MC68HC705P6A — Rev. 1.0
EPROM
To program a byte of EPROM, manipulate the EPROG register as
follows:
1. Set the ELAT bit in the EPROG register.
2. Write the desired data to the desired EPROM address.
3. Set the EPGM bit in the EPROG register for the specified
programming time, t
EPGM
.
4. Clear the ELAT and EPGM bits in the EPROG register.
This sequence is also shown in the sample program listing in
Table 10-1.
Table 10-1. EPROM Programming Routine
001C
0055
0700
0000
EPROG
DATA
EPROM
EPGM
EQU $1C
EQU $55
EQU $700
EQU $00
PROGRAMMING REG
DATA VALUE
A SAMPLE EPROM ADX
EPGM BIT IN EPROG REG
00D0
ORG
$D0
00D0
00D2
00D4
00D6
00D9
00DB
00DD
00DF
A6 02
B7 1C
A6 55
C7 07 00
10 1C
AD 03
3F 1C
81
LDA
#$04
STA
EPROG
LDA
#DATA
STA
EPROM
BSET
EPGM, EPROG
BSR
DELAY
CLR
EPROG
RTS
SET LAT BIT IN EPROG
DATA BYTE
WRITE IT TO EPROM LOC
TURN ON PGM VOLTAGE
WAIT 4 ms MINIMUM
CLR LAT AND PGM BITS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com