Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HC705P6AGRS/D Datasheet(PDF) 84 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 80Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 81Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 82Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 83Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 84Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 85Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 86Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 87Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 134 page
background image
EPROM
General Release Specification
MC68HC705P6A — Rev. 1.0
EPROM
10.3 EPROM Erasing
NOTE:
Only parts packaged in a windowed package may be erased. Others are
one-tme programmable and may not be erased by UV exposure.
The MC68HC705P6A can be erased by exposure to a high-intensity
ultraviolet (UV) light with a wavelength of 2537 angstroms. The
recommended dose (UV intensity multiplied by exposure time) is 15
Ws/cm2. UV lamps without shortwave filters should be used, and the
EPROM device should be positioned about one inch from the UV lamp.
An erased EPROM byte will read as $00.
10.4 EPROM Programming Sequence
The bootloader software goes through a complete write cycle of the
EPROM including the MOR. This is followed by a verify cycle which
continually branches in a loop if an error is found. A sample routine to
program a byte of EPROM is shown in Table 10-1.
NOTE:
To avoid damage to the MCU, VDD must be applied to the MCU before
VPP.
10.5 EPROM Registers
Three registers are associated with the EPROM: the EPROM
programming register (EPROG) and the two mask option registers
(MOR). The EPROG register controls the actual programming of the
EPROM bytes and the MOR. The MOR registers control the six mask
options found on the ROM version of this MCU (MC68HC05P6), the
EPROM security feature, and eight additional port A interrupt options.
10.6 EPROM Programming Register (EPROG)
This register is used to program the EPROM array. Only the ELAT and
EPGM bits are available. Table 10-1 shows the location of each bit in the
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com