Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HC705P6AGRS/D Datasheet(PDF) 95 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 91Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 92Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 93Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 94Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 95Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 96Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 97Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 98Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 134 page
background image
MC68HC705P6A — Rev. 1.0
General Release Specification
CPU Core
General Release Specification — MC68HC705P6A
Section 12. CPU Core
12.1 Contents
12.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .95
12.3
Registers. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .95
12.3.1
Accumulator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .96
12.3.2
Index Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .96
12.3.3
Stack Pointer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .97
12.3.4
Program Counter. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .97
12.3.5
Condition Code Register . . . . . . . . . . . . . . . . . . . . . . . . . . .98
12.2 Introduction
The MC68HC705P6A has an 8-K memory map. Therefore, it uses only
the lower 13 bits of the address bus. In the following discussion, the
upper three bits of the address bus can be ignored. Also, the STOP
instruction can be modified to place the MCU in either the normal stop
mode or the halt mode by means of a MOR bit. All other instructions and
registers behave as described in this section.
12.3 Registers
The MCU contains five registers which are hard-wired within the CPU
and are not part of the memory map. These five registers are shown in
Figure 12-1 and are described in the following paragraphs.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com