Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HC705P6AGRS/D Datasheet(PDF) 93 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 89Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 90Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 91Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 92Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 93Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 94Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 95Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 96Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 134 page
background image
General Release Specification
Mask Option Register (MOR) $1EFF–$1F00
MC68HC705P6A — Rev. 1.0
General Release Specification
Mask Option Register (MOR)
LSBF — SIOP Least Significant Bit First
If the LSBF bit is set, the serial data to and from the SIOP will be
transferred least significant bit first. If the LSBF bit is clear, the serial
data to and from the SIOP will be transferred most significant bit first.
SPR0 and SPR1 — SIOP Clock Rate
The SPR0 and SPR1 bits determine the clock rate used to transfer the
serial data to and from the SIOP. The various clock rates available are
given in Table 11-1.
SWAIT — STOP Instruction Mode
Setting the SWAIT bit will prevent the STOP instruction from stopping
the on-board oscillator. Clearing the SWAIT bit will permit the STOP
instruction to stop the on-board oscillator and place the MCU in stop
mode. Executing the STOP instruction when SWAIT is set will place
the MCU in halt mode. See 3.5.1 STOP Instruction for additional
information.
SECURE — Security State1
If SECURE bit is set, the EPROM is locked.
PA(0:7)PU — Port A Pullups/Interrupt Enable/Disable
If any PA(0:7)PU is selected, that pullup/interrupt is enabled. The
interrupt sensitivity will be selected via the LEVEL bit in the same way
as the IRQ pin.
1. No security feature is absolutely secure. However, Motorola’s strategy is to make reading or
copying the EPROM/OTPROM difficult for unauthorized users.
NOTE:
The port A pullup/interrupt function is NOT available on the ROM device,
MC68HC05P6.
Table 11-1. SIOP Clock Rate
SPR1
SPR0
SIOP Master Clock
00
fosc ÷ 64
01
fosc ÷ 32
10
fosc ÷ 16
11
fosc ÷ 8
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com