Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STEF12E Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEF12E
Description  Electronic fuse for 12 V line
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12E Datasheet(HTML) 5 Page - STMicroelectronics

  STEF12E Datasheet HTML 1Page - STMicroelectronics STEF12E Datasheet HTML 2Page - STMicroelectronics STEF12E Datasheet HTML 3Page - STMicroelectronics STEF12E Datasheet HTML 4Page - STMicroelectronics STEF12E Datasheet HTML 5Page - STMicroelectronics STEF12E Datasheet HTML 6Page - STMicroelectronics STEF12E Datasheet HTML 7Page - STMicroelectronics STEF12E Datasheet HTML 8Page - STMicroelectronics STEF12E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
4
Electrical characteristics
VCC = 12 V, VEN = 3.3 V, CI = 10 µF, CO = 47 µF, TJ = 25 °C (unless otherwise specified).
Table 5. Electrical characteristics for STEF12E
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Under/overvoltage protection
VClamp
Output clamping voltage
VCC = 18 V
13.8
15
16.2
V
VUVLO
Undervoltage lockout
Turn-on, voltage rising
7.7
8.5
9.3
V
VHyst
UVLO hysteresis
0.80
V
Power MOSFET
tdly
Delay time
Enabling of chip to ID = 100 mA with a 1 A
resistive load
350
µs
RDSon
On-resistance (1)
35
45
55
mΩ
- 40 °C < TJ < 125 °C (2)
70
VOFF
Off-state output voltage
VCC = 18 V, VGS = 0, RL = infinite
40
100
mV
ID
Continuous current
0.5 in2 pad, TA = 25 °C (2)
3.6
A
Minimum copper, TA = 80 °C
1.7
Current limit
IShort
Short-circuit current limit
RLimit = 22 Ω
3.3
4.4
5.5
A
ILim
Overload current limit
RLimit = 22 Ω
4.4
A
dv/dt circuit
dv/dt
Output voltage ramp time
Enable to VOUT = 11.7 V, No Cdv/dt
0.5
0.9
2.6
ms
Enable/fault
VIL
Low level input voltage
Output disabled
0.35
0.58
0.81
V
VI(INT)
Intermediate level input voltage
Thermal fault, output disabled
0.82
1.4
1.95
V
VIH
High level input voltage
Output enabled
1.96
2.64
3.3
V
VI(MAX) High state maximum voltage
3.4
4.3
5.4
V
IIL
Low level input current (sink)
VEnable = 0 V
-10
-30
µA
II
High level leakage current for
external switch
VEnable = 3.3 V
1
µA
Maximum fan-out for fault signal
Total numbers of chips that can be connected to
this pin for simultaneous shutdown
3
Units
Total device
IBias
Bias current
Device operational
1.5
2
mA
Thermal shutdown
1
Vmin
Minimum operating voltage
7.6
V
Thermal latch
TSD
Shutdown temperature
(1)
165
°C
1. Pulse test: pulse width = 300 µs, duty cycle = 2%.
2. Guaranteed by design, but not tested in production.
STEF12E
Electrical characteristics
DS12800 - Rev 2
page 5/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com