Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STEF12E Datasheet(PDF) 7 Page - STMicroelectronics

Part # STEF12E
Description  Electronic fuse for 12 V line
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STEF12E Datasheet HTML 3Page - STMicroelectronics STEF12E Datasheet HTML 4Page - STMicroelectronics STEF12E Datasheet HTML 5Page - STMicroelectronics STEF12E Datasheet HTML 6Page - STMicroelectronics STEF12E Datasheet HTML 7Page - STMicroelectronics STEF12E Datasheet HTML 8Page - STMicroelectronics STEF12E Datasheet HTML 9Page - STMicroelectronics STEF12E Datasheet HTML 10Page - STMicroelectronics STEF12E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
6
Operating modes
6.1
Turn-on
When the input voltage is applied, the enable/fault pin goes up to the high state, enabling the internal control
circuitry.
After an initial delay time of typically 350 µs, the output voltage is supplied with a slope defined by the internal
dv/dt circuitry. If no additional capacitor is connected to dv/dt pin, the total time, from the enable signal going high
to the output voltage reaching the nominal value, is around 1 ms (refer to Figure 5. Delay time and VOUT ramp-up
time).
6.2
Normal operating conditions
The STEF12E E-Fuse behaves like a mechanical fuse, buffering the circuitry on its output with the same voltage
shown on its input, with a small voltage fall due to the N-channel MOSFET RDS(on).
6.3
Output voltage clamp
This internal protection circuit clamps the output voltage to a maximum safe value, typically 15 V, if the input
voltage exceeds this threshold.
6.4
Current limiting
When an overload event occurs, the current limiting circuit reduces the conductivity of the power MOSFET,
in order to clamp the output current at the value selected externally by the limiting resistor RLimit (see
Figure 3. Application circuit).
6.5
Thermal shutdown
If the device temperature exceeds the thermal latch threshold, typically 165 °C, the thermal shutdown circuitry
turns the power MOSFET off, thus disconnecting the load. The EN/fault pin of the device is automatically set to an
intermediate voltage, in order to signal the overtemperature event. In this condition the E-Fuse can be reset either
by cycling the supply voltage or by pulling down the EN pin below the VIL threshold and then releasing it.
6.6
R-Lim calculation
As shown in Figure 3. Application circuit, the device uses an internal N-channel SenseFET with a fixed ratio, to
monitor the output current and limit it at the level set by the user.
To achieve the requested current limitation, the R-Lim value can be estimated by using the following theoretical
formula, together with the graph in Figure 13. Current limit vs. RLimit .
RLim= 95ISℎort
(1)
6.7
Cdv/dt calculation
Connecting a capacitor between the Cdv/dt pin and GND allows the modification of the output voltage ramp-up
time.
Given the desired time interval ∆t, during which the output voltage goes from zero to its maximum value, the
capacitance to be added to the Cdv/dt pin can be calculated using the following theoretical formula:
Cdvdt=3.92 × 10−8∆t−35.3 × 10−12
(2)
Where Cdv/dt is expressed in farads and the time in seconds.
The addition of an external Cdv/dt also influences the initial delay time, defined as the time between the enable
signal going high and the start of the VOUT slope (Figure 5. Delay time and VOUT ramp-up time).
The contribution of the external capacitor to this time interval can be estimated by using the following theoretical
formula:
delay time s =35 × 10−5+71 × 105 × Cdv/dt F
(3)
STEF12E
Operating modes
DS12800 - Rev 2
page 7/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com