Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SST55LD019M Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # SST55LD019M
Description  ATA Flash Disk Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST55LD019M Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button SST55LD019M Datasheet HTML 17Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 18Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 19Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 20Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 21Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 22Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 23Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 24Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 25Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
Advance Information
ATA Flash Disk Controller
SST55LD019M
©2005 Silicon Storage Technology, Inc.
S71312-01-000
12/06
21
10.1.2.9 Status & Alternate Status Registers (Read Only)
These registers return the ATA Flash Disk Controller status when read by the host. Reading the Status register does
clear a pending interrupt while reading the alternate Status register does not. The meaning of the status bits are
described as follows:
Symbol
Function
BUSY
The busy bit is set when the ATA Flash Disk Controller has access to the command
buffer and registers and the host is locked out from accessing the Command register and
buffer. No other bits in this register are valid when this bit is set to a 1.
RDY
RDY indicates whether the device is capable of performing ATA Flash Disk Controller
operations. This bit is cleared at power up and remains cleared until the ATA Flash Disk
Controller is ready to accept a command.
DWF
This bit, if set, indicates a write fault has occurred.
DSC
This bit is set when the ATA Flash Disk Controller is ready.
DRQ
The Data-Request bit is set when the ATA Flash Disk Controller requires that information
be transferred either to or from the host through the Data register.
CORR
This bit is set when a correctable data error has been encountered and the data has
been corrected. This condition does not terminate a multi-sector Read operation.
ERR
This bit is set when the previous command has ended in some type of error. The bits in
the Error register contain additional information describing the error. It is required that
the host retry any media access command (such as Read-Sector and Write-Sector) that
ends with an error condition.
10.1.2.10 Device Control Register (Write Only)
This register is used to control the ATA Flash Disk Controller interrupt request and to issue a software reset. This
register can be written to even if the device is busy. The bits are defined as follows:
Symbol
Function
SW Rst
This bit is set to 1 in order to force the ATA Flash Disk Controller to perform a software
Reset operation. The chip remains in reset until this bit is reset to ‘0.’
-IEn
0: The Interrupt Enable bit enables interrupts
1: Interrupts from the ATA Flash Disk Controller are disabled
This bit is set to 0 at Power-on and Reset.
D7
D6
D5
D4
D3
D2
D1
D0
Reset Value
BUSY
RDY
DWF
DSC
DRQ
CORR
0
ERR
1000 0000b
D7
D6
D5
D4
D3
D2
D1
D0
Reset Value
XXX
X
1
SW Rst
-IEn
0
0000 1000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com