Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SST55LD019M Datasheet(PDF) 29 Page - Silicon Storage Technology, Inc

Part # SST55LD019M
Description  ATA Flash Disk Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST55LD019M Datasheet(HTML) 29 Page - Silicon Storage Technology, Inc

Back Button SST55LD019M Datasheet HTML 25Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 26Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 27Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 28Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 29Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 30Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 31Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 32Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 33Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
Advance Information
ATA Flash Disk Controller
SST55LD019M
©2005 Silicon Storage Technology, Inc.
S71312-01-000
12/06
29
10.2.1.5.20 Word 63: Multi-word DMA Transfer Mode
This field identifies the multi-word DMA transfer modes supported by the ATA Flash Disk Controller and
indicates the mode that is currently selected. Only one DMA mode can be selected at any given time.
Bit
Function
15-11
Reserved
10
Multi-word DMA mode 2 selected
1: Multi-word DMA mode 2 is selected and bits 8 and 9 are cleared to 0
0: Multi-word DMA mode 2 is not selected.
9
Multi-word DMA mode 1 selected
1: Multi-word DMA mode 1 is selected and 8 and 10 should be cleared to 0.
0: Multi-word DMA mode 1 is not selected.
8
Multi-word DMA mode 0 selected
1: Multi-word DMA mode 0 is selected and bits 9 and 10 are cleared to 0.
0: Multi-word DMA mode 0 is not selected.
7-3
Reserved
2
Multi-word DMA mode 2 supported
1: Multi-word DMA mode 2 and below are supported and Bits 0 and 1 are set to 1.
1
Multi-word DMA mode 1 supported
1: Multi-word DMA mode 1 and below are supported.
0
Multi-word DMA mode 0 supported
1: Multi-word DMA mode 0 is supported.
10.2.1.5.21 Word 64: Advanced PIO Data Transfer Mode
Bit
Function
0
1: ATA Flash Disk Controller supports PIO Mode-3.
1
1: ATA Flash Disk Controller supports PIO Mode-4.
10.2.1.5.22 Word 65: Minimum Multi-word DMA Transfer Cycle Time Per Word
This field defines the minimum Multi-word DMA transfer cycle time per word. This field defines, in
nanoseconds, the minimum cycle time that the ATA Flash Disk Controller supports when performing
Multi-word DMA transfers on a per word basis. SST’s ATA Flash Disk Controller supports up to Multi-
word DMA Mode-2, so this field is set to 120ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com