Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SST55LD019M Datasheet(PDF) 34 Page - Silicon Storage Technology, Inc

Part # SST55LD019M
Description  ATA Flash Disk Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST55LD019M Datasheet(HTML) 34 Page - Silicon Storage Technology, Inc

Back Button SST55LD019M Datasheet HTML 30Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 31Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 32Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 33Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 34Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 35Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 36Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 37Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 38Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
34
Advance Information
ATA Flash Disk Controller
SST55LD019M
©2005 Silicon Storage Technology, Inc.
S71312-01-000
12/06
10.2.1.8 Initialize-Drive-Parameters - 91H
This command enables the host to set the number of sectors per track and the number of heads per
cylinder. Only the Sector Count and the Drive/Head registers are used by this command.
10.2.1.9 NOP - 00H
This command always fails with the ATA Flash Disk Controller returning command aborted.
10.2.1.10 Read-Buffer - E4H
The Read-Buffer command enables the host to read the current contents of the ATA Flash Disk
Controller’s sector buffer. This command has the same protocol as the Read-Sector(s) command
Bit ->
76543210
Command (7)
91H
C/D/H (6)
X
0
X
Drive
Max Head (no. of heads-1)
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
Number of Sectors
Feature (1)
X
Bit ->
76543210
Command (7)
00H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X
Bit ->
76543210
Command (7)
E4H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com