| Electronic Components Datasheet Search |
|
SST55LD019M Datasheet(PDF) 31 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST55LD019M Datasheet(HTML) 31 Page - Silicon Storage Technology, Inc |
|
31 / 59 page ![]() Advance Information ATA Flash Disk Controller SST55LD019M ©2005 Silicon Storage Technology, Inc. S71312-01-000 12/06 31 10.2.1.5.28 Words 82-84: Features/command sets supported Words 82, 83, and 84 indicate the features and command sets supported. Word 82 Bit Function 15 0: Obsolete 14 1: NOP command is supported 13 1: Read Buffer command is supported 12 1: Write Buffer command is supported 11 0: Obsolete 10 0: Host Protected Area feature set is not supported 9 0: Device Reset command is not supported 8 0: Service interrupt is not supported 7 0: Release interrupt is not supported 6 1: Look-ahead is supported 5 1: Write cache is supported 4 0: Packet Command feature set is not supported 3 1: Power Management feature set is supported 2 0: Removable Media feature set is not supported 1 0: Security Mode feature set is not supported 0 0: SMART feature set is not supported Word 83 The values in this word should not be depended on by host implementers. Bit Function 15 0: Provides indication that the features/command sets supported words are not valid 14 1: Provides indication that the features/command sets supported words are valid 13-9 0: Reserved 8 0: Set-Max security extension is not supported 7-5 0: Reserved 4 0: Removable Media Status feature set is not supported 3 0: Advanced Power Management feature set is not supported 2 0: CFA feature set is not supported 1 0: Read DMA Queued and Write DMA Queued commands are not supported 0 0: Download Microcode command is not supported Word 84 The values in this word should not be depended on by host implementers. Bit Function 15 0: Provides indication that the features/command sets supported words are valid 14 1: Provides indication that the features/command sets supported words are valid 13-0 0: Reserved |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |