Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SST55LD019M Datasheet(PDF) 46 Page - Silicon Storage Technology, Inc

Part # SST55LD019M
Description  ATA Flash Disk Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST55LD019M Datasheet(HTML) 46 Page - Silicon Storage Technology, Inc

Back Button SST55LD019M Datasheet HTML 42Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 43Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 44Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 45Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 46Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 47Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 48Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 49Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 50Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
46
Advance Information
ATA Flash Disk Controller
SST55LD019M
©2005 Silicon Storage Technology, Inc.
S71312-01-000
12/06
11.1 DC Characteristics
TABLE
11-5: Capacitance (Ta = 25°C, f=1 MHz, other pins open)
Parameter
Description
Test Condition
Maximum
CI/O1
I/O Pin Capacitance
VI/O = 0V
15 pF
CIN1
Input Capacitance
VIN = 0V
9 pF
T11-5.0 1312
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE
11-6: Reliability Characteristics
Symbol
Parameter
Minimum Specification
Units
Test Method
ILTH1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Latch Up
100 + IDD
mA
JEDEC Standard 78
T11-6.0 1312
TABLE
11-7: DC Characteristics for Media Interface
Symbol
Type
Parameter
Min
Max
Units
Conditions
VIH3
I3
Input Voltage
2.0
V
VDD=VDD Max
VIL3
0.8
VDD=VDD Min
IIL3
I3Z
Input Leakage Current
-10
10
uA
VIN = GND to VDD,
VDD = VDD Max
IU3
I3U
Input Pull-Up Current
-8
-50
uA
VIN = GND,
VDD = VDD Max
ID3
I3D
Input Pull-Down Current
30
200
uA
VIN = VDD,
VDD = VDD Max
VT+4
I4
Input Voltage Schmitt Trigger
2.5
V
VDD = VDD Max
VT-4
0.75
VDD = VDD Min
IIL4
I4Z
Input Leakage Current
-10
10
uA
VIN = GND to VDD,
VDD = VDD Max
IU4
I4U
Input Pull-Up Current
-8
-50
uA
VIN = GND,
VDD = VDD Max
VOH4
O4
Output Voltage
2.4
V
IOH4=IOH4 Min
VOL4
0.4
IOL4=IOL4 Max
IOH4
Output Current
-1.5
mA
VDD=VDD Min
IOL4
Output Current
1.5
mA
VDD=VDD Min
VOH5
O5
Output Voltage
2.4
V
IOH5=IOH5 Min
VOL5
0.4
IOL5=IOL5 Max
IOH5
Output Current
-3
mA
VDD=VDD Min
IOL5
Output Current
3
mA
VDD=VDD Min
T11-7.1 1312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com