Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC486 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC486
Description  Complete DDR1/2/3 Memory Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC486 Datasheet(HTML) 4 Page - Semtech Corporation

  SC486 Datasheet HTML 1Page - Semtech Corporation SC486 Datasheet HTML 2Page - Semtech Corporation SC486 Datasheet HTML 3Page - Semtech Corporation SC486 Datasheet HTML 4Page - Semtech Corporation SC486 Datasheet HTML 5Page - Semtech Corporation SC486 Datasheet HTML 6Page - Semtech Corporation SC486 Datasheet HTML 7Page - Semtech Corporation SC486 Datasheet HTML 8Page - Semtech Corporation SC486 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
 2006 Semtech Corp.
www.semtech.com
SC486
POWER MANAGEMENT
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
CC
°
5
2C
°
5
2
1
o
t
C
°
0
4
-s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mx
a
M
)
.
t
n
o
C
(
n
o
i
t
c
e
t
o
r
P
t
l
u
a
F
Q
D
D
V
e
m
i
T
k
n
a
l
B
e
g
a
tl
o
V
r
e
d
n
Uh
g
i
h
N
E
m
o
r
F0
4
4s
k
l
c
)
3
(
tl
u
a
F
e
g
a
tl
o
V
r
e
v
O
t
u
p
t
u
Oe
c
n
e
r
e
f
e
r
l
a
n
r
e
t
n
i
o
t
t
c
e
p
s
e
r
h
ti
W6
1
+2
1
+0
2
+%
y
a
l
e
D
tl
u
a
F
e
g
a
tl
o
V
r
e
v
Oh
t
V
V
O
e
v
o
b
a
d
e
c
r
o
f
B
F5
s
µ
e
g
a
tl
o
V
t
u
p
t
u
O
w
o
L
D
G
PA
m
1
k
n
i
S4
.
0V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
D
G
PV
5
=
D
G
P
,
n
o
it
a
l
u
g
e
r
n
i
B
F1
A
µ
d
l
o
h
s
e
r
h
T
V
U
D
G
Pe
c
n
e
r
e
f
e
r
l
a
n
r
e
t
n
i
o
t
t
c
e
p
s
e
r
h
ti
W0
1
-2
1
-8
-%
y
a
l
e
D
tl
u
a
F
D
G
Pw
o
d
n
i
w
D
G
P
e
d
i
s
t
u
o
d
e
c
r
o
f
B
F5
s
µ
e
g
a
tl
o
V
r
e
d
n
U
A
C
C
VV
m
0
0
1
s
i
s
e
r
e
t
s
y
h
,
e
g
d
e
g
n
il
l
a
F0
.
47
.
33
.
4V
n
o
i
t
c
e
t
o
r
P
t
l
u
a
F
T
T
V
tl
u
a
F
e
g
a
tl
o
V
r
e
d
n
U
t
u
p
t
u
OF
E
R
t
r
/
w
T
T
V2
1
-6
1
-8
-%
tl
u
a
F
e
g
a
tl
o
V
r
e
v
O
t
u
p
t
u
OF
E
R
t
r
/
w
T
T
V2
1
+8
+6
1
+%
y
a
l
e
D
n
w
o
d
t
u
h
S
tl
u
a
Fw
o
d
n
i
w
V
O
/
V
U
e
d
i
s
t
u
o
T
T
V0
5s
µ
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
)
5
(
)
4
(
0
6
10
5
10
7
1C
°
s
t
u
p
t
u
O
/
s
t
u
p
n
I
e
g
a
tl
o
V
w
o
L
t
u
p
n
I
c
i
g
o
Lw
o
l
V
S
P
&
N
E2
.
1V
w
o
l
N
E
T
T
V6
.
0
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
I
c
i
g
o
Lw
o
l
V
S
P
,
h
g
i
h
N
E0
.
2V
h
g
i
h
N
E
T
T
V4
.
2
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
I
c
i
g
o
Lh
g
i
h
V
S
P
,
h
g
i
h
N
E1
.
3V
e
c
n
a
t
s
i
s
e
R
t
u
p
n
I
V
S
P
/
N
Eg
n
i
c
r
u
o
S5
.
1M
g
n
i
k
n
i
S0
.
1
t
r
a
t
S
t
f
o
S
e
m
i
T
p
m
a
R
t
r
a
t
S
tf
o
S
Q
D
D
Vh
g
i
h
D
G
P
o
t
h
g
i
h
V
S
P
/
N
E0
4
4s
k
l
c
)
3
(
e
t
a
R
p
m
a
R
t
r
a
t
S
tf
o
S
T
T
V
)
6
(
6s
µ
/
V
m
s
e
v
i
r
D
e
t
a
G
y
a
l
e
D
n
o
it
c
e
t
o
r
P
u
r
h
t
-
t
o
o
h
S
)
7
(
)
4
(
g
n
i
s
ir
L
D
r
o
H
D0
3s
n
e
c
n
a
t
s
i
s
e
R
n
w
o
D
-l
l
u
P
L
Dw
o
l
L
D8
.
06
.
1
t
n
e
r
r
u
C
k
n
i
S
L
DV
L
D
V
5
.
2
=1
.
3A
Test Conditions: V
BAT = 15V, VCCA = VDDP = VTTEN = EN/PSV = 5V, VDDQ = VTTIN = 1.8V, RTON = 1MΩ
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com