Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC486 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC486
Description  Complete DDR1/2/3 Memory Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC486 Datasheet(HTML) 1 Page - Semtech Corporation

  SC486 Datasheet HTML 1Page - Semtech Corporation SC486 Datasheet HTML 2Page - Semtech Corporation SC486 Datasheet HTML 3Page - Semtech Corporation SC486 Datasheet HTML 4Page - Semtech Corporation SC486 Datasheet HTML 5Page - Semtech Corporation SC486 Datasheet HTML 6Page - Semtech Corporation SC486 Datasheet HTML 7Page - Semtech Corporation SC486 Datasheet HTML 8Page - Semtech Corporation SC486 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
www.semtech.com
SC486
Complete DDR1/2/3
Memory Power Supply
POWER MANAGEMENT
Revision: September 13, 2006
The SC486 is a combination switching regulator and linear
source/sink regulator intended for DDR1/2/3 memory
systems. The switching regulator is used to generate the
supply voltage, VDDQ, for the memory system. It is a
pseudo-fixed frequency constant on-time controller
designed for high efficiency, superior DC accuracy, and
fast transient response. The linear source/sink regulator
is used to generate the memory termination voltage, VTT,
with the ability to source and sink a 3A peak current.
For the VDDQ regulator, the switching frequency is
constant until a step in load or line voltage occurs at
which time the pulse density, i.e. frequency, will increase
or decrease to counter the transient change in output or
input voltage. After the transient, the frequency will return
to steady-state operation. At lighter loads, the selectable
Power-Save Mode enables the PWM converter to reduce
its switching frequency and improve efficiency. The
integrated gate drivers feature adaptive shoot-through
protection and soft-switching.
For the VTT regulator, the output voltage tracks VREF,
which is ½ VDDQ to provide an accurate termination
voltage. The VTT output is generated from a 1.2V to VDDQ
input by a linear source/sink regulator which is designed
for high DC accuracy, fast transient response, and low
external component count. Additional features include
cycle-by-cycle current limiting, digital soft-start, power
good (all VDDQ only) and over-voltage and under-voltage
protection (VDDQ and VTT). All 3 outputs (VDDQ, VTT and
REF) are actively discharged when VDDQ is disabled,
reducing external component count and cost. The SC486
is available in a 24 pin MLPQ 4mmx4mm Lead-free
package.
Notebook computers
CPU I/O supplies
Handheld terminals and PDAs
LCD monitors
Network power supplies
DDR1, DDR2 and DDR3 compatible
Constant on-time controller for fast dynamic
response on VDDQ
Programmable VDDQ range - 1.5V to 3V
1% Internal Reference (2% System Accuracy)
Resistor programmable on time for VDDQ
VCCA/VDDP range = 4.5V to 5.5V
VBAT range = 2.5V to 25V
VDDQ DC current sense using low-side R
DS(ON)
sensing or external R
SENSE in series with low-side
FET
Cycle-by-cycle current limit for VDDQ
Digital soft-start for VDDQ
Combined EN and PSAVE pin for VDDQ
Over-voltage/under-voltage fault protection for
both outputs and PGD output (VDDQ only)
Separate VCCA and VDDP supplies
VTT/REF range = 0.75V – 1.5V
VTT source/sink 3A peak
Internal resistor divider for VTT/REF
VTT is high impedance in S3
VDDQ, VTT and REF are actively discharged in
S4/S5
24-pin MLPQ (4 x 4mm) Lead-free package, fully
WEEE and RoHS compliant
+
C10
VDDQ
C12
1uF
C11
20uF
VTT
C9
1uF
R2
10R
5VRUN
5VSUS
C3
no-pop
R7 10R
REF
R6
10R
C6
1uF
R4 10R
C2
1uF
R5
R9
VDDQ
PGOOD
VBAT
C8
1nF
C1
no-pop
C7
no-pop
R8 0R
VDDQ
4
1
2
3
5
6
7
8
Q1
R10
C13
1uF
C4
0.1uF
D1
R3 470k
5VSUS
C5
10uF
R1
VBAT
L1
PGND1
18
REF
8
EN/PSV
1
TON
2
VDDQS
3
VCCA
5
FB
6
PGD
7
VSSA
4
PGND2
17
DL
19
VDDP
20
ILIM
21
LX
22
DH
23
BST
24
VTTEN
11
VTT
15
PGND2
16
VTTIN
12
VTTIN
13
VTT
14
VTTS
10
COMP
9
U1
SC486
Description
Features
Applications
Typical Application Circuit


Similar Part No. - SC486

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC480 SEMTECH-SC480 Datasheet
846Kb / 25P
Complete DDR1/2/3 Memory Power Supply
SC4806 SEMTECH-SC4806 Datasheet
473Kb / 22P
Multiple Function Double Ended PWM Controller
SC4806MLTRT SEMTECH-SC4806MLTRT Datasheet
473Kb / 22P
Multiple Function Double Ended PWM Controller
SC4808A SEMTECH-SC4808A Datasheet
468Kb / 31P
High Performance Dual Ended PWM Controller
SC4808A SEMTECH-SC4808A Datasheet
473Kb / 31P
High Performance Dual Ended PWM Controller
More results

Similar Description - SC486

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1486A SEMTECH-SC1486A_06 Datasheet
614Kb / 30P
Complete DDR1/2/3 Power Supply Controller
SC480 SEMTECH-SC480 Datasheet
846Kb / 25P
Complete DDR1/2/3 Memory Power Supply
SC488 SEMTECH-SC488 Datasheet
806Kb / 24P
Complete DDR1/2/3 Memory Power Supply
logo
STMicroelectronics
PM6670 STMICROELECTRONICS-PM6670 Datasheet
682Kb / 53P
Complete DDR2/3 memory power supply controller
01-Mar-2007
PM6670AS STMICROELECTRONICS-PM6670AS Datasheet
717Kb / 54P
Complete DDR2/3 memory power supplies controller
14-Feb-2008
PM6670S STMICROELECTRONICS-PM6670S Datasheet
717Kb / 53P
Complete DDR2/3 memory power supply controller
06-Feb-2008
logo
Richtek Technology Corp...
RT8207GQW RICHTEK-RT8207GQW Datasheet
363Kb / 22P
Complete DDRII/DDRIII Memory Power Supply Controller
logo
STMicroelectronics
AN2798 STMICROELECTRONICS-AN2798 Datasheet
1Mb / 38P
Complete DDR2/3 memory power supply
04-Nov-2008
logo
Richtek Technology Corp...
RT8231A RICHTEK-RT8231A Datasheet
306Kb / 23P
Complete DDR Memory Power Supply Controller
April 2021
RT8248A RICHTEK-RT8248A Datasheet
292Kb / 21P
Complete DDR Memory Power Supply Controller
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com