Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC486 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC486
Description  Complete DDR1/2/3 Memory Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC486 Datasheet(HTML) 5 Page - Semtech Corporation

  SC486 Datasheet HTML 1Page - Semtech Corporation SC486 Datasheet HTML 2Page - Semtech Corporation SC486 Datasheet HTML 3Page - Semtech Corporation SC486 Datasheet HTML 4Page - Semtech Corporation SC486 Datasheet HTML 5Page - Semtech Corporation SC486 Datasheet HTML 6Page - Semtech Corporation SC486 Datasheet HTML 7Page - Semtech Corporation SC486 Datasheet HTML 8Page - Semtech Corporation SC486 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
 2006 Semtech Corp.
www.semtech.com
SC486
POWER MANAGEMENT
Notes:
(1) The output voltage will have a DC regulation level higher than the error-comparator threshold by 50% of the
ripple voltage.
(2) Using a current sense resistor, this measurement relates to PGND1 minus the voltage of the source on the
low-side MOSFET.
(3) clks = switching cycles, consisting of one high side and one low side gate pulse.
(4) Guaranteed by design.
(5) Thermal shutdown latches both outputs (VTT and VDDQ) off, requiring VCCA or EN/PSV cycling to reset.
(6) VTT soft start ramp rate is 6mV/µs typical unless VDDQ/2 ramp rate is slower. If this is true, VTT soft start
ramps at 6mV/µs (typ.) until it reaches VDDQ/2, and then tracks it.
(7) See Shoot-Through Delay Timing Diagram below.
(8) Semtech’s SmartDriver™ FET drive first pulls DH high with a pull-up resistance of 10
Ω (typ.) until LX = 1.5V
(typ.). At this point, an additional pull-up device is activated, reducing the resistance to 2
Ω (typ.). This negates the
need for an external gate or boost resistor.
(9) Provided operation below T
J(MAX) is maintained.
(10) This device is ESD sensitive. Use of standard ESD handling precautions is required.
tplhDL
tplhDH
LX
DL
DL
DH
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
CC
°
5
2C
°
5
2
1
o
t
C
°
0
4
-s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mx
a
M
)
.
t
n
o
C
(
s
e
v
i
r
D
e
t
a
G
e
c
n
a
t
s
i
s
e
R
p
U
-l
l
u
P
L
Dh
g
i
h
L
D2
4
Ω
t
n
e
r
r
u
C
e
c
r
u
o
S
L
DV
L
D
V
5
.
2
=3
.
1A
e
c
n
a
t
s
i
s
e
R
n
w
o
D
-l
l
u
P
H
DV
5
=
X
L
-
T
S
B
,
w
o
l
H
D2
4
Ω
e
c
n
a
t
s
i
s
e
R
p
U
-l
l
u
P
H
D
)
8
(
V
5
=
X
L
-
T
S
B
,
h
g
i
h
H
D2
4
Ω
t
n
e
r
r
u
C
e
c
r
u
o
S
/
k
n
i
S
H
DV
H
D
V
5
.
2
=3
.
1A
e
c
n
a
t
s
i
s
e
R
p
U
-l
l
u
P
T
T
VF
E
R
<
S
T
T
V5
2
.
05
4
.
0
Ω
e
c
n
a
t
s
i
s
e
R
n
w
o
D
-l
l
u
P
T
T
VF
E
R
>
S
T
T
V5
2
.
05
4
.
0
Ω
t
n
e
r
r
u
C
e
c
r
u
o
S
/
k
n
i
S
k
a
e
P
T
T
V
)
9
(
6
.
30
.
2A
Test Conditions: V
BAT = 15V, VCCA = VDDP = VTTEN = EN/PSV = 5V, VDDQ = VTTIN = 1.8V, RTON = 1MΩ
Electrical Characteristics (Cont.)
Shoot-Through Delay Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com