Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC486 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC486
Description  Complete DDR1/2/3 Memory Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC486 Datasheet(HTML) 3 Page - Semtech Corporation

  SC486 Datasheet HTML 1Page - Semtech Corporation SC486 Datasheet HTML 2Page - Semtech Corporation SC486 Datasheet HTML 3Page - Semtech Corporation SC486 Datasheet HTML 4Page - Semtech Corporation SC486 Datasheet HTML 5Page - Semtech Corporation SC486 Datasheet HTML 6Page - Semtech Corporation SC486 Datasheet HTML 7Page - Semtech Corporation SC486 Datasheet HTML 8Page - Semtech Corporation SC486 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
 2006 Semtech Corp.
www.semtech.com
SC486
POWER MANAGEMENT
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
CC
°
5
2C
°
5
2
1
o
t
C
°
0
4
-s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mx
a
M
r
e
ll
o
r
t
n
o
C
Q
D
D
V
d
l
o
h
s
e
r
h
T
r
o
t
a
r
a
p
m
o
C
r
o
r
r
E
B
F
)
1
(
V
5
.
5
o
t
V
5
.
4
=
A
C
C
V0
0
5
.
15
8
4
.
15
1
5
.
1V
e
m
i
T
-
n
OR
N
O
T
M
1
=
0
6
40
9
30
3
5
s
n
R
N
O
T
k
0
0
5
=
C
°
0
1
-
,
≤ T
A
C
°
5
2
15
6
25
2
25
0
3
R
N
O
T
k
0
0
5
=
C
°
0
4
-
,
≤ T
A
C
°
5
2
15
2
20
2
3
e
m
i
T
-
ff
O
m
u
m
i
n
i
M
0
0
40
5
5s
n
e
c
n
a
t
s
i
s
e
R
t
u
p
n
I
S
Q
D
D
V
0
5
1k
n
w
o
d
t
u
h
S
S
Q
D
D
V
e
c
n
a
t
s
i
s
e
R
e
g
r
a
h
c
s
i
D
D
N
G
=
V
S
P
/
N
E2
2
t
n
e
r
r
u
C
e
g
a
k
a
e
L
B
F
0
.
1
-0
.
1A
µ
r
e
ll
o
r
t
n
o
C
T
T
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
P
M
O
C
0
.
1
-0
.
1A
µ
t
n
e
r
r
u
C
e
c
r
u
o
S
F
E
R
0
1A
m
y
c
a
r
u
c
c
A
t
u
p
t
u
O
F
E
RI
F
E
R
A
m
0
1
o
t
0
=0
0
92
8
88
1
9V
m
n
w
o
d
t
u
h
S
F
E
R
e
c
n
a
t
s
i
s
e
R
e
g
r
a
h
c
s
i
D
D
N
G
=
V
S
P
/
N
E2
2
y
c
a
r
u
c
c
A
t
u
p
t
u
O
T
T
VI
<
A
2
-
T
T
V
A
2
<F
E
R0
2
-0
2
+V
m
n
w
o
d
t
u
h
S
T
T
V
e
c
n
a
t
s
i
s
e
R
e
g
r
a
h
c
s
i
D
D
N
G
=
V
S
P
/
N
E2
2
t
n
e
r
r
u
C
e
g
a
k
a
e
L
S
T
T
V
0
.
1
-0
.
1A
µ
g
n
i
s
n
e
S
t
n
e
r
r
u
C
t
n
e
r
r
u
C
M
I
L
I
0
19
1
1A
µ
t
e
s
ff
O
r
o
t
a
r
a
p
m
o
C
t
n
e
r
r
u
CM
I
L
I
-
1
D
N
G
P0
1
-0
1V
m
d
l
o
h
s
e
r
h
T
g
n
i
s
s
o
r
C
-
o
r
e
ZV
5
=
V
S
P
/
N
E
,
X
L
-
1
D
N
G
P5
V
m
n
o
i
t
c
e
t
o
r
P
t
l
u
a
F
Q
D
D
V
)
e
v
it
i
s
o
P
(
ti
m
i
L
t
n
e
r
r
u
C
)
2
(
R
,
X
L
-
1
D
N
G
P
M
I
L
I
k
5
=
0
55
35
6V
m
R
,
X
L
-
1
D
N
G
P
M
I
L
I
k
0
1
=
0
0
10
80
2
1
R
,
X
L
-
1
D
N
G
P
M
I
L
I
k
0
2
=
0
0
20
7
10
3
2
)
e
v
it
a
g
e
N
(
ti
m
i
L
t
n
e
r
r
u
CX
L
-
1
D
N
G
P5
2
1
-0
6
1
-0
9
-V
m
tl
u
a
F
e
g
a
tl
o
V
r
e
d
n
U
t
u
p
t
u
Oe
c
n
e
r
e
f
e
r
l
a
n
r
e
t
n
i
o
t
t
c
e
p
s
e
r
h
ti
W0
3
-5
3
-5
2
-%
y
a
l
e
D
tl
u
a
F
e
g
a
tl
o
V
r
e
d
n
Uh
t
V
V
U
w
o
l
e
b
d
e
c
r
o
f
B
F8
s
k
l
c
)
3
(
Test Conditions: V
BAT = 15V, VCCA = VDDP = VTTEN = EN/PSV = 5V, VDDQ = VTTIN = 1.8V, RTON = 1MΩ
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com