Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC486 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC486
Description  Complete DDR1/2/3 Memory Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC486 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC486 Datasheet HTML 3Page - Semtech Corporation SC486 Datasheet HTML 4Page - Semtech Corporation SC486 Datasheet HTML 5Page - Semtech Corporation SC486 Datasheet HTML 6Page - Semtech Corporation SC486 Datasheet HTML 7Page - Semtech Corporation SC486 Datasheet HTML 8Page - Semtech Corporation SC486 Datasheet HTML 9Page - Semtech Corporation SC486 Datasheet HTML 10Page - Semtech Corporation SC486 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
 2006 Semtech Corp.
www.semtech.com
SC486
POWER MANAGEMENT
5
1
,
4
1T
T
V
,
2
D
N
G
P
o
t
s
r
o
ti
c
a
p
a
c
c
i
m
a
r
e
c
F
µ
0
1
)
m
u
m
i
n
i
m
(
o
w
t
h
ti
w
e
l
p
u
o
c
e
D
.r
o
t
a
l
u
g
e
r
r
a
e
n
il
e
h
t
f
o
t
u
p
t
u
O
.
7
1
d
n
a
,
6
1
,
5
1
,
4
1
s
n
i
p
s
s
o
r
c
a
y
lt
c
e
r
i
d
m
e
h
t
g
n
it
a
c
o
l
7
1
,
6
12
D
N
G
P
.
e
n
a
l
p
d
n
u
o
r
g
d
n
a
d
a
p
l
a
m
r
e
h
t
o
t
t
c
e
n
n
o
C
.t
u
p
t
u
o
T
T
V
r
o
f
d
n
u
o
r
g
r
e
w
o
P
8
11
D
N
G
P
.
e
n
a
l
p
d
n
u
o
r
g
d
n
a
d
a
p
l
a
m
r
e
h
t
o
t
t
c
e
n
n
o
C
.t
u
p
t
u
o
Q
D
D
V
r
o
f
d
n
u
o
r
g
r
e
w
o
P
9
1L
D.
h
c
ti
w
s
T
E
F
S
O
M
e
d
i
s
w
o
l
e
h
t
r
o
f
t
u
p
t
u
o
e
v
ir
d
e
t
a
G
0
2P
D
D
V.
s
r
e
v
ir
d
e
t
a
g
Q
D
D
V
e
h
t
r
o
f
t
u
p
n
i
e
g
a
tl
o
v
y
l
p
p
u
s
V
5
+
1
2M
I
L
I
e
c
r
u
o
s
e
h
t
r
o
g
n
i
s
n
e
s
)
n
o
(
S
D
R
r
o
f
T
E
F
S
O
M
e
d
i
s
-
w
o
l
f
o
n
i
a
r
d
o
t
t
c
e
n
n
o
C
.
n
i
p
t
u
p
n
i
ti
m
il
t
n
e
r
r
u
C
.r
o
t
s
i
s
e
r
g
n
i
s
n
e
s
d
l
o
h
s
e
r
h
t
a
h
g
u
o
r
h
t
g
n
i
s
n
e
s
r
o
t
s
i
s
e
r
r
o
f
2
2X
L
.r
o
t
c
u
d
n
i
t
u
p
t
u
o
e
h
t
d
n
a
s
T
E
F
m
o
tt
o
b
d
n
a
p
o
t
e
h
t
n
e
e
w
t
e
b
n
o
it
c
n
u
j
e
h
t
-
e
d
o
n
e
s
a
h
P
3
2H
D.
h
c
ti
w
s
T
E
F
S
O
M
e
d
i
s
h
g
i
h
e
h
t
r
o
f
t
u
p
t
u
o
e
v
ir
d
e
t
a
G
4
2T
S
B.
e
v
ir
d
e
t
a
g
e
d
i
s
h
g
i
h
e
h
t
r
o
f
n
o
it
c
e
n
n
o
c
r
o
ti
c
a
p
a
c
t
s
o
o
B
-L
A
M
R
E
H
T
D
A
P
d
e
t
c
e
n
n
o
c
t
o
N
.
s
a
i
v
e
l
p
it
l
u
m
g
n
i
s
u
e
n
a
l
p
d
n
u
o
r
g
o
t
t
c
e
n
n
o
C
.
s
e
s
o
p
r
u
p
g
n
i
k
n
i
s
t
a
e
h
r
o
f
d
a
P
.
y
ll
a
n
r
e
t
n
i
Top View
Part Number
yyww = Date Code (Example: 0012)
xxxxx = Semtech Lot No. (Example: E9010
xxx
1-1)
Pin Descriptions (Cont)
Marking Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com