Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC486 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC486
Description  Complete DDR1/2/3 Memory Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC486 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC486 Datasheet HTML 2Page - Semtech Corporation SC486 Datasheet HTML 3Page - Semtech Corporation SC486 Datasheet HTML 4Page - Semtech Corporation SC486 Datasheet HTML 5Page - Semtech Corporation SC486 Datasheet HTML 6Page - Semtech Corporation SC486 Datasheet HTML 7Page - Semtech Corporation SC486 Datasheet HTML 8Page - Semtech Corporation SC486 Datasheet HTML 9Page - Semtech Corporation SC486 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
 2006 Semtech Corp.
www.semtech.com
SC486
POWER MANAGEMENT
(MLPQ-24)
E
C
I
V
E
DE
G
A
K
C
A
P
)
1
(
T
R
T
L
M
I
6
8
4
C
S
)
2
(
4
2
-
Q
P
L
M
B
V
E
6
8
4
C
Sd
r
a
o
B
n
o
it
a
u
l
a
v
E
Top View
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1V
S
P
/
N
E
d
n
a
Q
D
D
V
e
l
b
a
n
e
o
t
V
5
+
o
t
e
i
T
.
Q
D
D
V
e
l
b
a
s
i
d
o
t
d
n
u
o
r
g
o
t
e
i
T
.
n
i
p
t
u
p
n
i
e
v
a
S
r
e
w
o
P
/
e
l
b
a
n
E
,
d
e
t
a
o
lf
fI
.
e
d
o
m
n
o
it
c
u
d
n
o
c
s
u
o
n
it
n
o
c
e
t
a
v
it
c
a
d
n
a
Q
D
D
V
e
l
b
a
n
e
o
t
t
a
o
l
F
.
e
d
o
m
E
V
A
S
P
e
t
a
v
it
c
a
.r
o
ti
c
a
p
a
c
F
n
0
1
a
h
ti
w
A
S
S
V
o
t
s
s
a
p
y
b
2N
O
T
-
n
o
T
E
F
S
O
M
p
o
t
e
h
t
t
e
s
d
n
a
,
N
O
T
R
,r
o
t
s
i
s
e
r
p
u
ll
u
p
a
h
g
u
o
r
h
t
T
A
B
V
e
s
n
e
s
o
t
d
e
s
u
s
i
n
i
p
s
i
h
T
.
A
S
S
V
o
t
r
o
ti
c
a
p
a
c
F
n
1
a
h
ti
w
n
i
p
s
i
h
t
s
s
a
p
y
B
.
e
m
it
3S
Q
D
D
V
e
s
U
.
T
T
V
/
F
E
R
V
t
e
s
o
t
o
s
l
a
d
n
a
T
E
F
S
O
M
p
o
t
e
h
t
r
o
f
e
m
it
-
n
o
e
h
t
t
e
s
o
t
d
e
s
U
.
Q
D
D
V
r
o
f
n
i
p
e
s
n
e
S
0
1
a
Ω
.
A
S
S
V
o
t
Q
D
D
V
m
o
r
f
r
e
tl
if
C
R
F
µ
1
/
4A
S
S
V
n
o
)
1
e
g
a
P
e
e
s
(
9
C
d
n
a
,
8
C
,
7
C
,
6
C
,
9
R
o
t
y
lt
c
e
r
i
d
t
c
e
n
n
o
C
.
y
r
ti
u
c
r
i
c
g
o
l
a
n
a
r
o
f
e
c
n
e
r
e
f
e
r
d
n
u
o
r
G
.
d
a
p
l
a
m
r
e
h
t
o
t
t
c
e
n
n
o
C
.
C
.I
s
a
B
C
P
f
o
e
d
i
s
e
m
a
s
5A
C
C
V0
1
a
e
s
U
.
y
l
p
p
u
s
g
o
l
a
n
a
e
h
t
r
o
f
t
u
p
n
i
e
g
a
tl
o
v
y
l
p
p
u
S
Ω
.
A
S
S
V
o
t
S
U
S
V
5
m
o
r
f
r
e
tl
if
C
R
F
µ
1
/
6B
F
t
u
p
t
u
o
e
h
t
t
e
s
o
t
A
S
S
V
o
t
t
u
p
t
u
o
e
h
t
m
o
r
f
r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
a
o
t
t
c
e
n
n
o
C
.
Q
D
D
V
r
o
f
t
u
p
n
i
k
c
a
b
d
e
e
F
.
A
C
C
V
d
n
a
V
5
.
1
n
e
e
w
t
e
b
e
g
a
tl
o
v
7D
G
P
n
i
p
s
i
h
T
.
s
d
l
o
h
s
e
r
h
t
d
o
o
g
r
e
w
o
p
e
h
t
e
d
i
s
t
u
o
s
i
Q
D
D
V
fi
w
o
l
s
i
D
G
P
.
Q
D
D
V
r
o
f
t
u
p
t
u
o
d
o
o
g
r
e
w
o
P
.r
o
t
s
i
s
e
r
p
u
-l
l
u
p
l
a
n
r
e
t
x
e
n
a
s
e
r
i
u
q
e
r
d
n
a
t
u
p
t
u
o
S
O
M
N
n
i
a
r
d
n
e
p
o
n
a
s
i
8F
E
R
Q
D
D
V
%
0
5
o
t
e
g
a
tl
o
v
s
i
h
t
s
t
e
s
S
Q
D
D
V
m
o
r
f
r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
l
a
n
r
e
t
n
i
n
A
.t
u
p
t
u
o
e
c
n
e
r
e
f
e
R
0
1
s
e
ir
e
s
a
h
ti
w
n
i
p
s
i
h
t
s
s
a
p
y
B
.
)l
a
n
i
m
o
n
(
Ω
)
1
e
g
a
P
e
e
s
(
6
R
o
t
n
o
it
c
e
n
n
o
c
e
h
T
.
A
S
S
V
o
t
F
µ
1
/
.
8
n
i
p
o
t
e
s
o
l
c
e
d
a
m
e
b
d
l
u
o
h
s
9P
M
O
C.t
u
p
t
u
o
T
T
V
r
o
f
n
o
it
a
s
n
e
p
m
o
c
r
e
if
il
p
m
a
r
o
r
r
E
0
1S
T
T
V.
d
a
o
l
e
h
t
t
a
T
T
V
o
t
t
c
e
n
n
o
C
.
T
T
V
r
o
f
n
i
p
e
s
n
e
S
1
1N
E
T
T
V
s
i
Q
D
D
V
s
a
g
n
o
l
s
a
t
n
e
s
e
r
p
s
n
i
a
m
e
r
F
E
R
V
(
T
T
V
e
l
b
a
s
i
d
o
t
w
o
l
n
i
p
s
i
h
t
ll
u
P
.
T
T
V
r
o
f
n
i
p
e
l
b
a
n
E
.
)
t
n
e
s
e
r
p
3
1
,
2
1N
I
T
T
V
o
t
r
o
ti
c
a
p
a
c
F
µ
1
a
h
ti
w
n
i
p
s
i
h
t
e
l
p
u
o
c
e
D
.r
o
t
a
l
u
g
e
r
T
T
V
r
o
f
h
c
ti
w
s
e
d
i
s
h
g
i
h
e
h
t
r
o
f
y
l
p
p
u
s
t
u
p
n
I
.
2
D
N
G
P
Note:
(1) Only available in tape and reel packaging. A reel
contains 3000 devices.
(2)
Lead-free product. This product is fully WEEE and
RoHS compliant.
Pin Configuration
Ordering Information
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com