Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM63 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM63
Description  LM63 ±1°C/±3°C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM63 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM63 Datasheet HTML 18Page - Texas Instruments LM63 Datasheet HTML 19Page - Texas Instruments LM63 Datasheet HTML 20Page - Texas Instruments LM63 Datasheet HTML 21Page - Texas Instruments LM63 Datasheet HTML 22Page - Texas Instruments LM63 Datasheet HTML 23Page - Texas Instruments LM63 Datasheet HTML 24Page - Texas Instruments LM63 Datasheet HTML 25Page - Texas Instruments LM63 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
LM63
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
Table 5. Fan Control Registers (continued)
ADDRESS
READ/
POR
BITS
NAME
DESCRIPTION
HEX
WRITE
VALUE
4DHEX FAN PWM FREQUENCY REGISTER
7:5
000
These bits are unused and always set to 0
The PWM Frequency = PWM_Clock / 2n, where PWM_Clock = 360 kHz
PWM
or 1.4 kHz (per the PWM Clock Select bit in Register 4A), and n = value
4D
R/W
Frequency
of the register.
4:0
10111
Note: n = 0 is mapped to n = 1. See the APPLICATION NOTES section
at the end of this datasheet.
4CHEX PWM VALUE REGISTER
7:6
00
These bits are unused and always set to 0
If PWM Program (register 4A, bit 5) = 0 this register is read only and
reflects the LM63’s current PWM value from the Lookup Table.
Read
If PWM Program (register 4A, bit 5) = 1, this register is read/write and the
(Write only
PWM
4C
desired PWM value is written directly to this register, instead of from the
if reg 4A
Value
5:0
000000
Lookup Table, for direct fan speed control.
bit 5 = 1.)
This register will read 0 during the Spin-Up cycle.
See the APPLICATION NOTES section at the end of this datasheet for
more information regarding the PWM Value and Duty Cycle in %.
22
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com