Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM63 Datasheet(PDF) 34 Page - Texas Instruments

Part # LM63
Description  LM63 ±1°C/±3°C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM63 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM63 Datasheet HTML 30Page - Texas Instruments LM63 Datasheet HTML 31Page - Texas Instruments LM63 Datasheet HTML 32Page - Texas Instruments LM63 Datasheet HTML 33Page - Texas Instruments LM63 Datasheet HTML 34Page - Texas Instruments LM63 Datasheet HTML 35Page - Texas Instruments LM63 Datasheet HTML 36Page - Texas Instruments LM63 Datasheet HTML 37Page - Texas Instruments LM63 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
LM63
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
PCB LAYOUT FOR MINIMIZING NOISE
Figure 16. Ideal Diode Trace Layout
In a noisy environment, such as a processor mother board, layout considerations are very critical. Noise induced
on traces running between the remote temperature diode sensor and the LM63 can cause temperature
conversion errors. Keep in mind that the signal level the LM63 is trying to measure is in microvolts. The following
guidelines should be followed:
1. Use a low-noise +3.3VDC power supply, and bypass to GND with a 0.1 µF ceramic capacitor in parallel with
a 100 pF ceramic capacitor. A bulk capacitance of 10 µF needs to be in the vicinity of the LM63's VDD pin.
2. Place the100 pF power supply bypass capacitor as close as possible to the VDD pin and the recommended
2.2 nF diode capacitor as close as possible to the LM63's D+ and D
− pins. Make sure the traces to the
2.2 nF capacitor are matched.
3. Ideally, the LM63 should be placed within 10 cm of the Processor diode pins with the traces being as
straight, short and identical as possible. Trace resistance of 1
Ω can cause as much as 1°C of error. This
error can be compensated by using the Remote Temperature Offset Registers, since the value placed in
these registers will automatically be subtracted from or added to the remote temperature reading.
4. Diode traces should be surrounded by a GND guard ring to either side, above and below if possible. This
GND guard should not be between the D+ and D
− lines. In the event that noise does couple to the diode
lines it would be ideal if it is coupled common mode. That is equally to the D+ and D
− lines.
5. Avoid routing diode traces in close proximity to power supply switching or filtering inductors.
6. Avoid running diode traces close to or parallel to high-speed digital and bus lines. Diode traces should be
kept at least 2 cm apart from the high-speed digital traces.
7. If it is necessary to cross high-speed digital traces, the diode traces and the high-speed digital traces should
cross at a 90 degree angle.
8. The ideal place to connect the LM63's GND pin is as close as possible to the Processor's GND associated
with the sense diode.
9. Leakage current between D+ and GND should be kept to a minimum. One nano-ampere of leakage can
cause as much as 1°C of error in the diode temperature reading. Keeping the printed circuit board as clean
as possible will minimize leakage current.
Noise coupling into the digital lines greater than 400 mVp-p (typical hysteresis) and undershoot less than 500 mV
below GND, may prevent successful SMBus communication with the LM63. SMBus no acknowledge is the most
common symptom, causing unnecessary traffic on the bus. Although the SMBus maximum frequency of
communication is rather low (100 kHz max), care still needs to be taken to ensure proper termination within a
system with multiple parts on the bus and long printed circuit board traces. An RC lowpass filter with a 3 dB
corner frequency of about 40 MHz is included on the LM63's SMBCLK input. Additional resistance can be added
in series with the SMBData and SMBCLK lines to further help filter noise and ringing. Minimize noise coupling by
keeping digital traces out of switching power supply areas as well as ensuring that digital lines containing high-
speed data communications cross at right angles to the SMBData and SMBCLK lines.
34
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com