Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM63 Datasheet(PDF) 33 Page - Texas Instruments

Part # LM63
Description  LM63 ±1°C/±3°C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM63 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM63 Datasheet HTML 29Page - Texas Instruments LM63 Datasheet HTML 30Page - Texas Instruments LM63 Datasheet HTML 31Page - Texas Instruments LM63 Datasheet HTML 32Page - Texas Instruments LM63 Datasheet HTML 33Page - Texas Instruments LM63 Datasheet HTML 34Page - Texas Instruments LM63 Datasheet HTML 35Page - Texas Instruments LM63 Datasheet HTML 36Page - Texas Instruments LM63 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
LM63
www.ti.com
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
The voltage seen by the LM63 also includes the IF×RS voltage drop across the internal series resistance of the
Pentium 4 processor’s thermal diode. The non-ideality factor,
η, is the only other parameter not accounted for
and depends on the diode that is used for measurement. Since
ΔVbe is proportional to both η and T, the
variations in
η cannot be distinguished from variations in temperature. Since the temperature sensor does not
control the non-ideality factor, it will directly add to the inaccuracy of the sensor.
For the Intel Pentium 4 and Mobile Pentium 4 Processor-M processors Intel specifies a ±0.1% variation in
η from
part to part. As an example, assume that a temperature sensor has an accuracy specification of ±1%°C at room
temperature of 25°C and process used to manufacture the diode has a non-ideality variation of ±0.1%. The
resulting accuracy will be:
TACC = ±1°C + (±0.1% of 298°K) = ±1.3°C
(9)
The additional inaccuracy in the temperature measurement caused by
η, can be eliminated if each temperature
sensor is calibrated with the remote diode that it will be paired with. Refer to the processor datasheet for the non-
ideality factor.
COMPENSATING FOR DIODE NON-IDEALITY
In order to compensate for the errors introduced by non-ideality, the temperature sensor is calibrated for a
particular processor. Texas Instruments temperature sensors are always calibrated to the typical non-ideality of a
particular processor type.
The LM63 is calibrated for the non-ideality of the 0.13 micron Intel Pentium 4 and Mobile Pentium 4 Processor-M
processors.
When a temperature sensor, calibrated for a specific type of processor is used with a different processor type or
a given processor type has a non-ideality that strays form the typical value, errors are introduced.
Temperature errors associated with non-ideality may be introduced in a specific temperature range of concern
through the use of the Temperature Offset Registers 11HEX and 12HEX.
The user is encouraged to send an e-mail to hardware.monitor.team@ti.com to further request information on
our recommended setting of the offset register for different processor types.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com