Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM63 Datasheet(PDF) 32 Page - Texas Instruments

Part # LM63
Description  LM63 ±1°C/±3°C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM63 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM63 Datasheet HTML 28Page - Texas Instruments LM63 Datasheet HTML 29Page - Texas Instruments LM63 Datasheet HTML 30Page - Texas Instruments LM63 Datasheet HTML 31Page - Texas Instruments LM63 Datasheet HTML 32Page - Texas Instruments LM63 Datasheet HTML 33Page - Texas Instruments LM63 Datasheet HTML 34Page - Texas Instruments LM63 Datasheet HTML 35Page - Texas Instruments LM63 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
N
q
kT
V
be
ln
˜
¸
¨
'
K
¸
¹
·
¨
©
§
S
F
I
I
˜ e
¸¸
¹
·
¨¨
©
§
˜
T
be
V
V
K
«
«
¬
ª
»
»
¼
º
V
T
=
q
kT
S
F
I
I
˜ e
¸¸
¹
·
¨¨
©
§
˜
T
be
V
V
K
1
«
«
¬
ª
»
»
¼
º
MMBT3904
IR
IF
LM63
2.2 nF
2
3
D+
D-
LM63
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
A discrete diode can also be used to sense the temperature of external objects or ambient air. Remember that a
discrete diode’s temperature will be affected, and often dominated by, the temperature of its leads.
Most silicon diodes do not lend themselves well to this application. It is recommended that a diode-connected
2N3904 transistor be used, as shown in Figure 15. The base of the transistor is connected to the collector and
becomes the anode. The emitter is the cathode.
Figure 15. Processor Connection to LM63
A LM63 with a diode-connected 2N3904 transistor approximates the temperature reading of the LM63 with the
Pentium 4 processor by 1°C.
T2N3904 = TPENTIUM 4 − 1°C
(4)
DIODE NON-IDEALITY
When a transistor is connected to a diode the following relationship holds for Vbe, T, and IF:
where
(5)
•
q = 1.6x10
−19 Coulombs (the electron charge)
•
T = Absolute Temperature in Kelvin
•
k = 1.38x10
−23 joules/K (Boltzmann’s constant)
•
η is the non-ideality factor of the manufacturing process used to make the thermal diode
•
Is = Saturation Current and is process dependent
•
If = Forward Current through the base emitter junction
•
Vbe = Base Emitter Voltage Drop
(6)
In the active region, the
−1 term is negligible and may be eliminated, yielding the following equation
(7)
In Equation 7,
η and Is are dependent upon the process that was used in the fabrication of the particular diode.
By forcing two currents with a very controlled ratio (N) and measuring the resulting voltage difference, it is
possible to eliminate the Is term. Solving for the forward voltage difference yields the relationship:
(8)
32
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com