Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM63 Datasheet(PDF) 28 Page - Texas Instruments

Part # LM63
Description  LM63 ±1°C/±3°C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM63 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM63 Datasheet HTML 24Page - Texas Instruments LM63 Datasheet HTML 25Page - Texas Instruments LM63 Datasheet HTML 26Page - Texas Instruments LM63 Datasheet HTML 27Page - Texas Instruments LM63 Datasheet HTML 28Page - Texas Instruments LM63 Datasheet HTML 29Page - Texas Instruments LM63 Datasheet HTML 30Page - Texas Instruments LM63 Datasheet HTML 31Page - Texas Instruments LM63 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
LM63
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
Table 11. Conversion Rate And One-Shot Registers
ADDRESS
READ/
POR
BITS
NAME
DESCRIPTION
HEX
WRITE
VALUE
04 (0A)HEX CONVERSION RATE REGISTER (8-bits)
Sets the conversion rate of the LM63.
00000000 = 0.0625 Hz
00000001 = 0.125 Hz
00000010 = 0.25 Hz
00000011 = 0.5 Hz
Conversion
00000100 = 1 Hz
04 (0A)
R/W
7:0
0x08
Rate
00000101 = 2 Hz
00000110 = 4 Hz
00000111 = 8 Hz
00001000 = 16 Hz
00001001 = 32 Hz
All other values = 32 Hz
04 (0A)HEX ONE-SHOT REGISTER (8-bits)
Write
One Shot
With the LM63 in the STANDBY mode a single write to this register will
0F
7:0
N/A
Only
Trigger
initiate one complete temperature conversion cycle.
Table 12. ID Registers
ADDRESS
READ/
POR
BITS
NAME
DESCRIPTION
HEX
WRITE
VALUE
FFHEX STEPPING / DIE REVISION ID REGISTER (8-bits)
Read
Stepping/Die
FF
7:0
0x41
Version of LM63
Only
Revision ID
FEHEX MANUFACTURER’S ID REGISTER (8-bits)
Read
FE
7:0
0x01
Manufacturer’s ID
0x01 = Texas Instruments
Only
28
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com