Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM63 Datasheet(PDF) 31 Page - Texas Instruments

Part # LM63
Description  LM63 ±1°C/±3°C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM63 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM63 Datasheet HTML 27Page - Texas Instruments LM63 Datasheet HTML 28Page - Texas Instruments LM63 Datasheet HTML 29Page - Texas Instruments LM63 Datasheet HTML 30Page - Texas Instruments LM63 Datasheet HTML 31Page - Texas Instruments LM63 Datasheet HTML 32Page - Texas Instruments LM63 Datasheet HTML 33Page - Texas Instruments LM63 Datasheet HTML 34Page - Texas Instruments LM63 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
LM63
2.2 nF
PROCESSOR
IC
IR
IE = IF
2
3
D+
D-
LM63
www.ti.com
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
USE OF THE LOOKUP TABLE FOR NON-LINEAR PWM VALUES VS TEMPERATURE
The Lookup Table, Registers 50 through 5F, can be used to create a non-linear PWM vs Temperature curve that
could be used to reduce the acoustic noise from processor fan due to linear or step transfer functions. An
example is given below.
EXAMPLE:
In a particular system it was found that the best acoustic fan noise performance was found to occur when the
PWM vs Temperature transfer function curve was parabolic in shape.
From 25°C to 105°C the fan is to go from 20% to 100%. Since there are 8 steps to the Lookup Table we will
break up the Temperature range into 8 separate temperatures. For the 80°C over 8-steps = 10°C per step. This
takes care of the x-axis.
For the PWM Value, we first select the PWM Frequency. In this example, we will make the PWM Frequency
(Register 4C) 20.
For 100% Duty Cycle then, the PWM value is 40. For 20%, the minimum is 40 x (0.2) = 8.
We can then arrange the PWM, Temperature pairs in a parabolic fashion in the form of y = 0.005 • (x
−25)2 + 8
PWM VALUE
CLOSEST PWM
TEMPERATURE
CALCULATED
VALUE
25
8.0
8
35
8.5
9
45
10.0
10
55
12.5
13
65
16.0
16
75
20.5
21
85
26.0
26
95
32.5
33
105
40.0
40
We can then program the Lookup Table with the temperature and Closest PWM Values required for the curve
required in our example.
NON-IDEALITY FACTOR AND TEMPERATURE ACCURACY
The LM63 can be applied to remote diode sensing in the same way as other integrated-circuit temperature
sensors. It can be soldered to a printed-circuit board, and because the path of best thermal conductivity is
between the die and the pins, its temperature will effectively be that of the printed-circuit board lands and traces
soldered to its pins. This presumes that the ambient air temperature is nearly the same as the surface
temperature of the printed-circuit board. If the air temperature is much higher or lower than the surface
temperature, the actual temperature of the LM63 die will be an intermediate temperature between the surface
and air temperatures. Again, the primary thermal conduction path is through the leads, so the circuit board
surface temperature will contribute to the die temperature much more than the air temperature.
To measure the temperature external to the die use a remote diode. This diode can be located on the die of the
target IC, such as a CPU processor chip as shown in Figure 14, allowing measurement of the IC’s temperature,
independent of the LM63’s temperature. The LM63 has been optimized for use with the thermal diode on the die
of an Intel Pentium 4 or a Mobile Pentium 4 Processor-M processor.
Figure 14. Processor Connection to LM63
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com