Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 328 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 328 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 324Page - Renesas Technology Corp H8S/2424 Datasheet HTML 325Page - Renesas Technology Corp H8S/2424 Datasheet HTML 326Page - Renesas Technology Corp H8S/2424 Datasheet HTML 327Page - Renesas Technology Corp H8S/2424 Datasheet HTML 328Page - Renesas Technology Corp H8S/2424 Datasheet HTML 329Page - Renesas Technology Corp H8S/2424 Datasheet HTML 330Page - Renesas Technology Corp H8S/2424 Datasheet HTML 331Page - Renesas Technology Corp H8S/2424 Datasheet HTML 332Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 300 of 1270
REJ09B0466-0100
6.12.3
Transition Timing
Figure 6.96 shows the timing for transition to the bus released state.
CPU
cycle
External bus released state
External space
access cycle
T1
T2
φ
Address bus
HWR, LWR
BREQ
BACK
BREQO
High impedance
High impedance
High impedance
High impedance
High impedance
[1]
[2]
[3]
[5]
[4]
[6]
[7]
[8]
[1] Low level of
BREQ signal is sampled at rise of φ.
[2] Bus control signal returns to be high at end of external space access cycle.
At least one state from sampling of
BREQ signal.
[3]
BACK signal is driven low, releasing bus to external bus master.
[4]
BREQ signal state is also sampled in external bus released state.
[5] High level of
BREQ signal is sampled.
[6]
BACK signal is driven high, ending external bus release cycle.
[7] When there is external access or refresh request of internal bus master during external
bus release while BREQOE bit is set to 1,
BREQO signal goes low.
[8] Normally
BREQO signal goes high 1.5 states after rising edge of BACK signal.
Data bus
AS
RD
Figure 6.96 Bus Released State Transition Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com