Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 327 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 323Page - Renesas Technology Corp H8S/2424 Datasheet HTML 324Page - Renesas Technology Corp H8S/2424 Datasheet HTML 325Page - Renesas Technology Corp H8S/2424 Datasheet HTML 326Page - Renesas Technology Corp H8S/2424 Datasheet HTML 327Page - Renesas Technology Corp H8S/2424 Datasheet HTML 328Page - Renesas Technology Corp H8S/2424 Datasheet HTML 329Page - Renesas Technology Corp H8S/2424 Datasheet HTML 330Page - Renesas Technology Corp H8S/2424 Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 299 of 1270
REJ09B0466-0100
When the
BREQ pin is driven high, the BACK pin is driven high at the prescribed timing and the
external bus released state is terminated.
If an external bus release request and external access occur simultaneously, the order of priority is
as follows:
(High) External bus release > External access by internal bus master (Low)
If a refresh request and external bus release request occur simultaneously, the order of priority is
as follows:
(High) Refresh > External bus release (Low)
6.12.2
Pin States in External Bus Released State
Table 6.14 shows pin states in the external bus released state.
Table 6.14
Pin States in Bus Released State
Pins
Pin State
A23 to A0
High impedance
D15 to D0
High impedance
CSn (n = 7 to 0)
High impedance
UCAS, LCAS
High impedance
AS/AH
High impedance
RD
High impedance
OE
High impedance
HWR, LWR
High impedance
DACKn (n = 1, 0)
High
EDACKn (n = 3, 2)
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com